Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG527BY Datasheet(PDF) 11 Page - Intersil Corporation

Part # DG527BY
Description  Analog CMOS Latchable Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG527BY Datasheet(HTML) 11 Page - Intersil Corporation

Back Button DG527BY Datasheet HTML 7Page - Intersil Corporation DG527BY Datasheet HTML 8Page - Intersil Corporation DG527BY Datasheet HTML 9Page - Intersil Corporation DG527BY Datasheet HTML 10Page - Intersil Corporation DG527BY Datasheet HTML 11Page - Intersil Corporation DG527BY Datasheet HTML 12Page - Intersil Corporation DG527BY Datasheet HTML 13Page - Intersil Corporation DG527BY Datasheet HTML 14Page - Intersil Corporation DG527BY Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
12-11
FIGURE 8A. CHARGE INJECTION WAVEFORMS
FIGURE 8B. CHARGE INJECTION TEST CIRCUIT
Similar connections for DG526, DG527
Test Circuits and Waveforms (Continued)
3V
EN
0
VO
∆VO
∆VO is the measured voltage error due to charge injection.
The error voltage in Coulombs is Q = CL x ∆VO.
EN
A0, A1, (A2)
CL = 1000pF
+15V
-15V
GND
WR
V-
DG528
D
V+
DG529
RS
VO
+2.4V
Sx
Typical Performance Curves
FIGURE 9. rDS(ON) vs ANALOG SIGNAL VOLTAGE vs SUPPLY
VOLTAGE
FIGURE 10. TYPICAL rDS(ON) VARIATION WITH TEMPERATURE
550
500
450
400
350
300
250
200
150
100
50
0
-15
ANALOG SIGNAL VOLTAGE (V)
-13 -11 -9
-7
-5
-3
-1 0 +1 +3 +5 +7 +9 +11 +13 +15
IO = -200µA
VEN = +5V
(A) V+ = +15V, V- = -15V
(B) V+ = +12V, V- = -12V
(C) V+ = +10V, V- = -10V
(D) V+ = +7.5V, V- = -7.5V
(A)
(B)
(C)
(D)
-55
TEMPERATURE (oC)
-25
25
45
70
100
125
400
360
320
280
240
200
160
120
80
40
0
0
V+ = +15V V- = -15V
VEN = 2.4V
IO = -200µA
+10V SIGNALS
+10V SIGNALS
DG526, DG527, DG528, DG529


Similar Part No. - DG527BY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG528 VISHAY-DG528 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
DG528AK MAXIM-DG528AK Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
More results

Similar Description - DG527BY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A Datasheet
625Kb / 17P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A_07 Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
logo
Analog Devices
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com