Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG187AA Datasheet(PDF) 5 Page - Intersil Corporation

Part # DG187AA
Description  High-Speed Drivers with JFET Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG187AA Datasheet(HTML) 5 Page - Intersil Corporation

  DG187AA Datasheet HTML 1Page - Intersil Corporation DG187AA Datasheet HTML 2Page - Intersil Corporation DG187AA Datasheet HTML 3Page - Intersil Corporation DG187AA Datasheet HTML 4Page - Intersil Corporation DG187AA Datasheet HTML 5Page - Intersil Corporation DG187AA Datasheet HTML 6Page - Intersil Corporation DG187AA Datasheet HTML 7Page - Intersil Corporation DG187AA Datasheet HTML 8Page - Intersil Corporation DG187AA Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
DG181 Series
SUPPLY
I+
DG181, DG182,
DG190, DG191
VIN = 5V
-
1.5
-
-
1.5
-
mA
DG184, DG185
-
0.1
-
-
0.1
-
mA
DG187, DG188
-
0.8
-
-
0.8
-
mA
I-
DG181, DG182,
DG190, DG191
-
-5.0
-
-
-5.0
-
mA
DG184, DG185
-
-4.0
-
-
-4.0
-
mA
DG187, DG188
-
-3.0
-
-
-3.0
-
mA
IL
DG181, DG182,
DG184, DG185,
DG190, DG191
-
4.5
-
-
4.5
-
mA
DG187, DG188
-
3.2
-
-
3.2
-
mA
IGND
All
-
-2.0
-
-
-2.0
-
mA
I+
DG181, DG182,
DG190, DG191
VIN = 0V
-
1.5
-
-
1.5
-
mA
DG184, DG185
-
3.0
-
-
3.0
-
mA
DG187, DG188
-
0.8
-
-
0.8
-
mA
I-
DG181, DG182,
DG190, DG191
-
-5.0
-
-
-5.0
-
mA
DG184, DG185
-
-5.5
-
-
-5.5
-
mA
DG187, DG188
-
-3.0
-
-
-3.0
-
mA
IL
DG181, DG182,
DG184, DG185,
DG190, DG191
-
4.5
-
-
4.5
-
mA
DG187, DG188
-
3.2
-
-
3.2
-
mA
IGND
All
-
-2.0
-
-
-2.0
-
mA
NOTE:
1. See Switching State Diagrams for VIN “ON” and VIN “OFF” Test Conditions.
Electrical Specifications
Maximum Resistances (RDS(ON) MAX)
DEVICE
NUMBER
TEST CONDITIONS (NOTE 1)
V+ = 15V, V- = -15V, VL = 5V
MILITARY
TEMPERATURE
INDUSTRIAL
TEMPERATURE
UNITS
-55oC
+25oC
+125oC
-20oC
+25oC
+85oC
DG181
VD = -7.5V
IS = -10mA, VIN = “ON”
30
30
60
50
50
75
DG182
VD = -10V
75
75
100
100
100
150
DG184
VD = -7.5V
30
30
60
50
50
75
DG185
VD = -10V
75
75
150
100
100
150
DG187
VD = -7.5V
30
30
60
50
50
75
DG188
VD = -10V
75
75
150
100
100
150
DG190
VD = -7.5V
30
30
60
50
50
75
DG191
VD = -10V
75
75
150
100
100
150
NOTES:
1. See Switching State Diagrams for VIN “ON” and VIN “OFF” Test Conditions.
2. Normally the minimum signal handling capability of the DG181 thru DG191 family is 20V peak to peak for the 75
Ω switches and 15V peak-
to-peak for the 30
Ω (refer I
D and IS tests above).
3. For other Analog Signals, the following guidelines can be used: proper switch turn-off requires that V-
≤ V
ANALOG(peak) - VP where VP =
7.5V for the 80
Ω switches and V
P = 5.0V for 75Ω switches e.g., - 10V minimum (-peak) analog signal and a 75Ω switch (VP = 5V), requires
that V-
≤ -10V -5V = -15V.
Electrical Specifications
V+ = +15V, V- = -15V, VL = 5V, Unless Otherwise Specified (Continued)
PARAMETER
DEVICE
NUMBER
(NOTE 1)
TEST CONDITIONS
A SERIES
B SERIES
UNITS
-55oC
+25oC
+125oC
-20oC
+25oC
+85oC


Similar Part No. - DG187AA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG187 VISHAY-DG187 Datasheet
89Kb / 8P
   High-Speed Drivers with SPDT JFET Switches
Rev. E, 16-Jun-97
logo
Intersil Corporation
DG187 INTERSIL-DG187 Datasheet
4Mb / 122P
   P-CHANNEL JFET
DG187 INTERSIL-DG187 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
Vishay Siliconix
DG187 VISHAY-DG187 Datasheet
88Kb / 9P
   High-Speed Drivers with SPDT JFET Switches
18-Jul-08
More results

Similar Description - DG187AA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG188 VISHAY-DG188 Datasheet
89Kb / 8P
   High-Speed Drivers with SPDT JFET Switches
Rev. E, 16-Jun-97
DG186 VISHAY-DG186_V01 Datasheet
88Kb / 9P
   High-Speed Drivers with SPDT JFET Switches
18-Jul-08
logo
TEMIC Semiconductors
DG183 TEMIC-DG183 Datasheet
113Kb / 8P
   High-Speed Drivers with Dual DPST JFET Switches
logo
Vishay Siliconix
DG189 VISHAY-DG189 Datasheet
127Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
Rev. D, 20-Jun-05
DG189 VISHAY-DG189_V01 Datasheet
111Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
18-Jul-08
DG180 VISHAY-DG180 Datasheet
84Kb / 8P
   High-Speed Drivers with Dual SPST JFET Switches
Rev. D, 16-Jun-97
DG180 VISHAY-DG180_V01 Datasheet
91Kb / 9P
   High-Speed Drivers with Dual SPST JFET Switches
18-Jul-08
DG183 VISHAY-DG183 Datasheet
82Kb / 8P
   High-Speed Drivers and Dual DPST JFET Switches
Rev. D, 16-Jun-97
DG183 VISHAY-DG183_V01 Datasheet
89Kb / 9P
   High-Speed Drivers and Dual DPST JFET Switches
18-Jul-08
logo
NTE Electronics
NTE467 NTE-NTE467 Datasheet
20Kb / 2P
   Silicon N-channel JFET Transistor Chopper, High Speed Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com