Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG507ACY Datasheet(PDF) 9 Page - Intersil Corporation

Part # DG507ACY
Description  CMOS Analog Multiplexers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG507ACY Datasheet(HTML) 9 Page - Intersil Corporation

Back Button DG507ACY Datasheet HTML 5Page - Intersil Corporation DG507ACY Datasheet HTML 6Page - Intersil Corporation DG507ACY Datasheet HTML 7Page - Intersil Corporation DG507ACY Datasheet HTML 8Page - Intersil Corporation DG507ACY Datasheet HTML 9Page - Intersil Corporation DG507ACY Datasheet HTML 10Page - Intersil Corporation DG507ACY Datasheet HTML 11Page - Intersil Corporation DG507ACY Datasheet HTML 12Page - Intersil Corporation DG507ACY Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FIGURE 4C. CHARGE INJECTION WAVEFORMS
FIGURE 4. CHARGE INJECTION
Test Circuits and Waveforms (Continued)
3V
EN
0
VO
∆VO
∆VO is the measured voltage error due to charge injection.
The charge transfer error in Coulombs is Q = CL x ∆VO.
Typical Performance Curves
FIGURE 5. rDS(ON) vs ANALOG SIGNAL VOLTAGE vs
SUPPLY VOLTAGE
FIGURE 6. TYPICAL rDS(ON) VARIATION WITH TEMPERATURE
ANALOG SIGNAL VOLTAGE (V)
550
-10
-5
0
5
10
15
500
450
400
350
300
250
200
150
100
50
0
-15
V+ = +15V, V- = -15V
V+ = +10V, V- = -10V
V+ = +12V, V- = -12V
V+=+7.5V,V- = -7.5V
TEMPERATURE (oC)
-25
0
45
70
100
125
-55
20
V+ = +15V V- = -15V
VEN =2.4V
IO =-200µA
+10V SIGNALS
-10V SIGNALS
400
300
200
100
0
DG506A, DG507A, DG509A


Similar Part No. - DG507ACY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG507ACY INTERSIL-DG507ACY Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
More results

Similar Description - DG507ACY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A_07 Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_12 Datasheet
1Mb / 10P
   Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
logo
Intersil Corporation
DG526 INTERSIL-DG526 Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG508A MAXIM-DG508A_10 Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com