Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG526AK Datasheet(PDF) 5 Page - Intersil Corporation

Part # DG526AK
Description  Analog CMOS Latchable Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG526AK Datasheet(HTML) 5 Page - Intersil Corporation

  DG526AK Datasheet HTML 1Page - Intersil Corporation DG526AK Datasheet HTML 2Page - Intersil Corporation DG526AK Datasheet HTML 3Page - Intersil Corporation DG526AK Datasheet HTML 4Page - Intersil Corporation DG526AK Datasheet HTML 5Page - Intersil Corporation DG526AK Datasheet HTML 6Page - Intersil Corporation DG526AK Datasheet HTML 7Page - Intersil Corporation DG526AK Datasheet HTML 8Page - Intersil Corporation DG526AK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
12-5
Absolute Maximum Ratings
Thermal Information
V+ to V-. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +44V
V- to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-25V
VIN to Ground (Note 1). . . . . . . . . . . . . . . . . . . . (V- - 2V), (V+ + 2V)
VS or VD to V+ (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . +2V, (V- - 2V)
VS or VD to V- (Note 1). . . . . . . . . . . . . . . . . . . . . . . . -2V, (V+ + 2V)
Current, Any Terminal Except S or D . . . . . . . . . . . . . . . . . . . . 30mA
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA
(Pulsed at 1ms, 10% Duty Cycle Max)
Operating Conditions
Operating Temperature
C Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
B Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25oC to 85oC
A Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
18 Ld PDIP Package . . . . . . . . . . . . . .
90
N/A
18 Ld CERDIP Package . . . . . . . . . . .
75
22
18 Ld SOIC Package . . . . . . . . . . . . . .
95
N/A
28 Ld PDIP Package . . . . . . . . . . . . . .
60
N/A
28 Ld CERDIP Package . . . . . . . . . . .
55
18
28 Ld SOIC Package . . . . . . . . . . . . . .
70
N/A
Maximum Junction Temperature
Ceramic Packages. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range
C Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65oC to 125oC
A and B Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
(Note 3) V+ = +15V, V- = -15V, GND = 0V, WR = 0V, RS = 2.4V, EN = 2.4V, TA = 25
oC,
Unless Otherwise Specified
PARAMETER
(NOTE 6)
TEST CONDITIONS
A SUFFIX
B AND C SUFFIX
UNITS
MIN
(NOTE 2)
TYP
MAX
MIN
(NOTE 2)
TYP
MAX
DYNAMIC
Switching Time
of Multiplexer,
tTRANSITION
DG526,
DG527
See Figure 3 (Note 7)
-
0.65
1
-
0.65
-
µs
DG528,
DG529
See Figure 3
-
0.6
1
-
0.6
-
µs
Break-Before-
Make Interval,
tOPEN
DG526,
DG527
See Figure 4
-
0.2
-
-
0.2
-
µs
DG528,
DG529
-
0.2
-
-
0.2
-
µs
Enable and
Write Turn-ON
Time,
tON (EN, WR)
DG526,
DG527
See Figures 1, 6 (Note 7)
-
0.7
1.5
-
0.7
-
µs
DG528,
DG529
See Figures 5, 6 (Note 7)
-
1
1.5
-
1
-
µs
Enable and
Reset Turn
OFF Time,
tOFF (EN, RS)
DG526,
DG527
See Figures 2, 7 (Note 7)
-
0.4
1
-
0.4
-
µs
DG528,
DG529
See Figures 5, 6 (Note 7)
-
0.4
1
-
0.4
-
µs
Off Isolation,
OIRR
DG526,
DG527
VEN = 0V, R = 1kΩ, CL = 15pF,
VS = 7VRMS, f = 500kHz (Note 4)
-55-
-55-
dB
DG528,
DG529
-68-
-68-
dB
Logic Input
Capacitance,
CIN
DG526,
DG527
f = 1MHz
-
6
-
-
6
-
pF
DG528,
DG529
-
2.5
-
-
2.5
-
pF
Source OFF
Capacitance,
CS(OFF)
DG526,
DG527
VS = 0V
VEN = 0V,
f = 140kHz
-10-
-10-
pF
DG528,
DG529
-5-
-
5-
pF
DG526, DG527, DG528, DG529


Similar Part No. - DG526AK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG528 VISHAY-DG528 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
DG528AK MAXIM-DG528AK Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
More results

Similar Description - DG526AK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A Datasheet
625Kb / 17P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A_07 Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
   8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
logo
Analog Devices
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com