Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG444DY Datasheet(PDF) 1 Page - Intersil Corporation

Part # DG444DY
Description  Monolithic, Quad SPST, CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG444DY Datasheet(HTML) 1 Page - Intersil Corporation

  DG444DY Datasheet HTML 1Page - Intersil Corporation DG444DY Datasheet HTML 2Page - Intersil Corporation DG444DY Datasheet HTML 3Page - Intersil Corporation DG444DY Datasheet HTML 4Page - Intersil Corporation DG444DY Datasheet HTML 5Page - Intersil Corporation DG444DY Datasheet HTML 6Page - Intersil Corporation DG444DY Datasheet HTML 7Page - Intersil Corporation DG444DY Datasheet HTML 8Page - Intersil Corporation DG444DY Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
File Number
3586.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
DG444, DG445
Monolithic, Quad SPST, CMOS Analog
Switches
The DG444 and DG445 monolithic CMOS analog switches
are drop-in replacements for the popular DG211 and DG212
series devices. They include four independent single pole
single throw (SPST) analog switches and TTL and CMOS
compatible digital inputs.
These switches feature lower analog ON resistance (<85
Ω)
and faster switch time (tON <250ns) compared to the DG211
and DG212. Charge injection has been reduced, simplifying
sample and hold applications.
The improvements in the DG444 series are made possible
by using a high voltage silicon-gate process. An epitaxial
layer prevents the latch-up associated with older CMOS
technologies. The 44V maximum voltage range permits
controlling
±20V signals when operating with ±20V power
supplies.
The four switches are bilateral, equally matched for AC or
bidirectional signals. The ON resistance variation with
analog signals is quite low over a
±5V analog input range.
The switches in the DG444 and DG445 are identical,
differing only in the polarity of the selection logic.
Pinout
DG444, DG445 (PDIP, SOIC)
TOP VIEW
Features
• ON Resistance (Max) . . . . . . . . . . . . . . . . . . . . . . . . . 85
• Low Power Consumption (PD) . . . . . . . . . . . . . . . . <35µW
• Fast Switching Action
-tON (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250ns
-tOFF (Max, DG444) . . . . . . . . . . . . . . . . . . . . . . . 140ns
• Low Charge Injection
• Upgrade from DG211/DG212
• TTL, CMOS Compatible
• Single or Split Supply Operation
Applications
• Audio Switching
• Battery Operated Systems
• Data Acquisition
• Hi-Rel Systems
• Sample and Hold Circuits
• Communication Systems
• Automatic Test Equipment
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
D1
S1
V-
GND
S4
IN4
D4
IN2
S2
V+
VL
S3
D3
IN3
D2
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
DG444DJ
-40 to 85
16 Ld PDIP
E16.3
DG444DY
-40 to 85
16 Ld SOIC
M16.15
DG445DJ
-40 to 85
16 Ld PDIP
E16.3
DG445DY
-40 to 85
16 Ld SOIC
M16.15
Data Sheet
June 1999


Similar Part No. - DG444DY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG444DY MAXIM-DG444DY Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
logo
Intersil Corporation
DG444DY INTERSIL-DG444DY Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG444DY VISHAY-DG444DY Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
logo
Intersil Corporation
DG444DY INTERSIL-DG444DY Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG444DY VISHAY-DG444DY Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
More results

Similar Description - DG444DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com