Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG444DJ Datasheet(PDF) 4 Page - Intersil Corporation

Part # DG444DJ
Description  Monolithic, Quad SPST, CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG444DJ Datasheet(HTML) 4 Page - Intersil Corporation

  DG444DJ Datasheet HTML 1Page - Intersil Corporation DG444DJ Datasheet HTML 2Page - Intersil Corporation DG444DJ Datasheet HTML 3Page - Intersil Corporation DG444DJ Datasheet HTML 4Page - Intersil Corporation DG444DJ Datasheet HTML 5Page - Intersil Corporation DG444DJ Datasheet HTML 6Page - Intersil Corporation DG444DJ Datasheet HTML 7Page - Intersil Corporation DG444DJ Datasheet HTML 8Page - Intersil Corporation DG444DJ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Drain OFF Leakage Current,
ID(OFF)
V+ = 16.5V, V- = -16.5V,
VD = ±15.5V, VS =
15.5V
25
-0.5
0.01
0.5
nA
85
-5
-
5
nA
Channel ON Leakage Current,
ID(ON) + IS(ON)
V+ = 16.5V, V- = -16.5V,
VS = VD, = ±15.5V
25
-0.5
0.08
0.5
nA
85
-10
-
10
nA
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 16.5V, V- = -16.5V,
VIN = 0V or 5V
25
-
0.001
1
µA
85
-
-
5
µA
Negative Supply Current, I-
25
-1
-0.0001
-
µA
85
-5
-
-
µA
Logic Supply Current, IL
25
-
0.001
1
µA
85
-
-
5
µA
Ground Current, IGND
25
-1
-0.001
-
µA
85
-5
-
-
µA
Electrical Specifications
Test Conditions: V+ = +15V, V- = -15V, VL = 5V, VIN = 2.4V, 0.8V (Note 3),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 4)
MIN
(NOTE 5)
TYP
(NOTE 4)
MAX
UNITS
Electrical Specifications
(Single Supply) Test Conditions: V+ = 12V, V- = 0V, VL = 5V, VIN = 2.4V, 0.8V (Note 3),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 4)
MIN
(NOTE 5)
TYP
(NOTE 4)
MAX
UNITS
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
RL = 1kΩ, CL = 35pF, VS = 8V
(Figure 1)
25
-
300
450
ns
Turn-OFF Time, tOFF
25
-
60
200
ns
Charge Injection, Q (Figure 2)
CL = 1nF, VG = 6V, RG = 0Ω
25
-
2
-
pC
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
12
V
Drain-Source ON Resistance, rDS(ON)
IS = -10mA, VD = 3V, 8V
V+ = 10.8V, VL = 5.25V
25
-
100
160
Full
-
-
200
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 13.2V, VIN = 0V or 5V,
VL = 5.25V
25
-
0.001
1
µA
Full
-
-
5
µA
Negative Supply Current, I-
25
-1
-0.0001
-
µA
Full
-5
-
-
µA
Logic Supply Current, IL
25
-
0.001
1
µA
Full
-
-
5
µA
Ground Current, IGND
25
-1
-0.001
-
µA
Full
-5
-
-
µA
NOTES:
3. VIN = input voltage to perform proper function.
4. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
5. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
DG444, DG445


Similar Part No. - DG444DJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG444DJ MAXIM-DG444DJ Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
logo
Vishay Siliconix
DG444DJ VISHAY-DG444DJ Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG444DJ VISHAY-DG444DJ Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG444DJ MAXIM-DG444DJ Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
logo
Vishay Siliconix
DG444DJ VISHAY-DG444DJ Datasheet
185Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG444DJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com