Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG403DY Datasheet(PDF) 6 Page - Intersil Corporation

Part # DG403DY
Description  Monolithic CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG403DY Datasheet(HTML) 6 Page - Intersil Corporation

  DG403DY Datasheet HTML 1Page - Intersil Corporation DG403DY Datasheet HTML 2Page - Intersil Corporation DG403DY Datasheet HTML 3Page - Intersil Corporation DG403DY Datasheet HTML 4Page - Intersil Corporation DG403DY Datasheet HTML 5Page - Intersil Corporation DG403DY Datasheet HTML 6Page - Intersil Corporation DG403DY Datasheet HTML 7Page - Intersil Corporation DG403DY Datasheet HTML 8Page - Intersil Corporation DG403DY Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Application Information
Dual Slope Integrators
The DG403 is well suited to configure a selectable slope
integrator. One control signal selects the timing capacitor C1
or C2. Another one selects eIN or discharges the capacitor in
preparation for the next integration cycle.
Peak Detector
A3 acting as a comparator provides the logic drive for
operating SW1. The output of A2 is fed back to A3 and
compared to the analog input eIN. If eIN > eOUT the output
of A3 is high keeping SW1 closed. This allows C1 to charge
up to the analog input voltage. When eIN goes below eOUT,
A3 goes negative, turning SW1 off. The system will therefore
store the most positive analog input experienced.
V-
GND
-15V
IN2
IN1
S3
S1
S2
S4
D1
D2
D3
D4
+15V
+5V
VL
V+
DG403
C1
C2
eOUT
eIN
INTEGRATE/
SCOPE
TTL
RESET
SELECT
FIGURE 8. DUAL SLOPE INTEGRATOR
eOUT
eIN
C1
R1
SW2
SW1
RESET
+
-
+
-
+
-
DG401
A1
A3
FIGURE 9. POSITIVE PEAK DETECTOR
A2
Typical Performance Curves
FIGURE 10. INPUT SWITCHING THRESHOLD vs LOGIC
SUPPLY VOLTAGE
FIGURE 11. INPUT SWITCHING THRESHOLD vs
POWER SUPPLY VOLTAGE
VL (V)
10
8
6
4
2
0
0
2
4
6
8
1012
1416
18
20
V+ = 15V
V- = -15V
TA = 20
oC
DG403
SW3, 4
SUPPLY VOLTAGE (
±V)
4
3
2
1
0
02
4
6
8
10
12
14
16
18
20
VL = 5V
TA = 25
oC
DG401, DG403, DG405


Similar Part No. - DG403DY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG403DY MAXIM-DG403DY Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
logo
Intersil Corporation
DG403DY INTERSIL-DG403DY Datasheet
286Kb / 12P
   Monolithic CMOS Analog Switches
logo
TEMIC Semiconductors
DG403DY TEMIC-DG403DY Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG403DY VISHAY-DG403DY Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG403DY VISHAY-DG403DY Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
More results

Similar Description - DG403DY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG401 RENESAS-DG401 Datasheet
426Kb / 12P
   Monolithic CMOS Analog Switches
Nov 20, 2006
logo
Intersil Corporation
DG403DYZ-T INTERSIL-DG403DYZ-T Datasheet
292Kb / 12P
   Monolithic CMOS Analog Switches
DG401 INTERSIL-DG401_06 Datasheet
286Kb / 12P
   Monolithic CMOS Analog Switches
DG401883 INTERSIL-DG401883 Datasheet
291Kb / 12P
   Monolithic CMOS Analog Switches
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com