Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG442 Datasheet(PDF) 9 Page - Intersil Corporation

Part # DG442
Description  Monolithic, Quad SPST, CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG442 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button DG442 Datasheet HTML 2Page - Intersil Corporation DG442 Datasheet HTML 3Page - Intersil Corporation DG442 Datasheet HTML 4Page - Intersil Corporation DG442 Datasheet HTML 5Page - Intersil Corporation DG442 Datasheet HTML 6Page - Intersil Corporation DG442 Datasheet HTML 7Page - Intersil Corporation DG442 Datasheet HTML 8Page - Intersil Corporation DG442 Datasheet HTML 9Page - Intersil Corporation DG442 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FIGURE 22. SOURCE/DRAIN LEAKAGE CURRENTS
(SINGLE 12V SUPPLY)
FIGURE 23. SWITCHING TIME vs INPUT VOLTAGE
(SINGLE 12V SUPPLY)
FIGURE 24. SWITCHING TIME vs SINGLE SUPPLY VOLTAGE (DG441)
Typical Performance Curves (Continued)
10
0
-10
-20
-30
-40
06
12
VS, VD (V)
IS(OFF), ID(OFF)
IS(ON) + ID(ON)
V+ = +12V
V- = 0V
FOR ID, VS = 0
FOR IS, VD = 0
400
300
200
100
0
VIN (V)
2345
tOFF (DG441)
tON (DG442)
tON (DG441)
V+ = +12V
V- = 0V
tOFF (DG442)
500
400
300
200
100
0
8
10121416182022
POSITIVE SUPPLY (V)
tON
tOFF
V- = 0V
DG441, DG442


Similar Part No. - DG442

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG442 INTERSIL-DG442 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG442 VISHAY-DG442 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Maxim Integrated Produc...
DG442 MAXIM-DG442 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
logo
Vishay Siliconix
DG442 VISHAY-DG442 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
logo
Intersil Corporation
DG442 INTERSIL-DG442 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - DG442

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com