Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTC4375 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KTC4375
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTC4375 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KTC4375_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTC4375_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
KTC4375
Typical Characterisitics
0
1
1
1
.
0
10
100
1000
0
20
40
60
80
100
0
50
100
150
200
250
0
0
0
1
0
0
1
0
1
1
200
400
600
0
25
50
75
100
125
150
0.0
0.5
1.0
0.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
0
0
1
0
0
1
0
1
1
0
50
100
150
200
250
300
350
0
1
2
3
4
5
6
0
200
400
600
800
1000
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
1000
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB / VEB
C
ob / Cib
——
C
ib
C
ob
20
COLLECTOR CURRENT I
C
(mA)
V
CE=2V
T
a=25
oC
I
C
f
T
——
1500
V
CE= 2V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE ——
AMBIENT TEMPERATURE T
a
( )
P
c
—— T
a
1500
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
β=50
I
C
V
BEsat ——
1500
T
a=25
T
a=100
β=50
V
CEsat
—— I
C
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
3.0mA
2.7mA
2.4mA
2.1mA
1.8mA
1.5mA
1.2mA
0.9mA
0.6mA
I
B=0.3mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
1500
VCE=2V
Ta=25℃
Ta=100
oC
BASE-EMITTER VOLTAGE
V
BE(V)
V
BE
——
I
C


Similar Part No. - KTC4375_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4375 KEC-KTC4375_15 Datasheet
358Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KTC4375_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com