Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZT3055 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # CZT3055
Description  NPN Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

CZT3055 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  CZT3055_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
CZT3055 (KZT3055)
Features
High Current
Low Voltage
Surface Mounted Power Amplifier Application
Complement to CZT2955
0.70±0.1
4.60 (typ)
6.50±0.2
3.00±0.1
2.30 (typ)
SOT-223
Unit:mm
1.Base
2.Collector
3.Emitter
4.Collector
4
1
2
3
0.250
Gauge Plane
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
100
Collector - Emitter Voltage
VCEO
60
Emitter - Base Voltage
VEBO
7
Collector Current - Continuous
IC
6
A
Collector Power Dissipation
PC
1
W
Thermal Resistance From Junction To Ambient
RθJA
125
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 1mA, IE= 0
100
Ic= 30 mA, IB= 0
60
Ic= 30 mA, IB= 0 , RBE=100Ω
70
Emitter - base breakdown voltage
VEBO
IE= 1 mA, IC= 0
7
Collector-base cut-off current
ICBO
VCB= 100 V , IB= 0
100
ICEO
VCE= 30 V , IE= 0
700
ICEV
VCE= 100 V , VEB= 1.5V
1
mA
Emitter cut-off current
IEBO
VEB= 7V , IC=0
5
mA
Collector-emitter saturation voltage
VCE(sat) IC=4 A, IB=400mA
1.1
Base - emitter saturation voltage
VBE(sat) IC=4 A, IB=400mA
1.2
Base-emitter voltage
VBE
VCE= 4V, IC= 4A
1.5
hFE(1)
VCE= 4V, IC= 4A
20
70
hFE(2)
VCE= 4V, IC= 6A
5
Transition frequency
fT
VCE= 10V, IC= 500mA,f=1MHz
2.5
MHz
DC current gain
V
V
Collector- emitter breakdown voltage
VCEO
Collector cut-off current
uA


Similar Part No. - CZT3055_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZT3055-BK CENTRAL-CZT3055-BK Datasheet
689Kb / 5P
   NPN - Power Transistor Die 6.0 Amp, 100 Volt
R0 10-February 2016
CZT3055-TR CENTRAL-CZT3055-TR Datasheet
689Kb / 5P
   NPN - Power Transistor Die 6.0 Amp, 100 Volt
R0 10-February 2016
CZT3055NPN CENTRAL-CZT3055NPN Datasheet
74Kb / 2P
   2.0W SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Nanjing International G...
CZT3055 DGNJDZ-CZT3055_V01 Datasheet
235Kb / 1P
   SOT-223 Plastic-Encapsulate Transistors
More results

Similar Description - CZT3055_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com