Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDP1853E Datasheet(PDF) 4 Page - Intersil Corporation

Part # CDP1853E
Description  N-Bit 1 of 8 Decoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1853E Datasheet(HTML) 4 Page - Intersil Corporation

  CDP1853E Datasheet HTML 1Page - Intersil Corporation CDP1853E Datasheet HTML 2Page - Intersil Corporation CDP1853E Datasheet HTML 3Page - Intersil Corporation CDP1853E Datasheet HTML 4Page - Intersil Corporation CDP1853E Datasheet HTML 5Page - Intersil Corporation CDP1853E Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-38
CDP1853, CDP1853C
Timing Diagrams
FIGURE 2A. CE TO OUTPUT (0-7) DELAY TIME
FIGURE 2B. N LINES TO OUTPUT (0-7) DELAY TIME
FIGURE 2C. CLOCK A TO OUTPUT (0-7) DELAY TIME
FIGURE 2D. CLOCK B TO OUTPUT (0-7) DELAY TIME
FIGURE 2. PROPAGATION DELAY TIME DIAGRAMS
FIGURE 3. TIMING DIAGRAM
FIGURE 4. N-BIT DECODER USED AS A 1 OF 8 DECODER
CE
OUTPUT
tEO
tEO
N
OUTPUT
tNO
tNO
tAO
tCACA
CLOCK A
OUTPUT
CLOCK B
OUTPUT
tCBCB
tBO
TPA
TPB
CE
EN
(NOTE 1)
OUTPUT
NOTE 1. OUTPUT ENABLED WHEN EN = HIGH
INTERNAL SIGNAL SHOWN FOR
REFERENCE ONLY (SEE FIGURE 1)
OUT 0
OUT 1
OUT 2
OUT 3
OUT 4
OUT 5
OUT 6
OUT 7
N0
N1
N2
CE
CLOCK B
CLOCK A
A
B
C
CHIP ENABLE
VDD


Similar Part No. - CDP1853E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1853C INTERSIL-CDP1853C Datasheet
35Kb / 7P
   High-Reliability CMOS N-Bit 1 of 8 Decoder
March 1997
CDP1853C/3 INTERSIL-CDP1853C/3 Datasheet
35Kb / 7P
   High-Reliability CMOS N-Bit 1 of 8 Decoder
March 1997
CDP1853CD3 INTERSIL-CDP1853CD3 Datasheet
35Kb / 7P
   High-Reliability CMOS N-Bit 1 of 8 Decoder
March 1997
More results

Similar Description - CDP1853E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1853C INTERSIL-CDP1853C Datasheet
35Kb / 7P
   High-Reliability CMOS N-Bit 1 of 8 Decoder
March 1997
logo
ON Semiconductor
MC74HC259A ONSEMI-MC74HC259A Datasheet
134Kb / 9P
   8-Bit Addressable Latch 1-of-8 Decoder
June, 2012 ??Rev. 3
logo
Motorola, Inc
MC54-74HC259 MOTOROLA-MC54-74HC259 Datasheet
199Kb / 7P
   8-Bit Addressable Latch 1-of-8 Decoder
MC54-74HC259A MOTOROLA-MC54-74HC259A Datasheet
246Kb / 8P
   8-Bit Addressable Latch 1-of-8 Decoder
logo
Cypress Semiconductor
CY54FCT138T CYPRESS-CY54FCT138T Datasheet
155Kb / 6P
   1-of-8 Decoder
logo
Texas Instruments
CY5474FCT138T TI-CY5474FCT138T Datasheet
79Kb / 7P
[Old version datasheet]   1-of-8 Decoder
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com