Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8024 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8024
Description  Quad 350 MHz 24 V Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8024 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8024_15 Datasheet HTML 2Page - Analog Devices AD8024_15 Datasheet HTML 3Page - Analog Devices AD8024_15 Datasheet HTML 4Page - Analog Devices AD8024_15 Datasheet HTML 5Page - Analog Devices AD8024_15 Datasheet HTML 6Page - Analog Devices AD8024_15 Datasheet HTML 7Page - Analog Devices AD8024_15 Datasheet HTML 8Page - Analog Devices AD8024_15 Datasheet HTML 9Page - Analog Devices AD8024_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AD8024
–5–
REV. C
TEMPERATURE – C
–40
2.5
2.0
1.5
0.5
–20
0
20
40
60
100
–60
80
1.0
VS = 7.5V
VS = 12V
TPC 7. Input Offset Voltage vs. Temperature
10
VNOISE
+INOISE
–INOISE
VS = 7.5V
FREQUENCY – kHz
0.01
10
1
0.1
1
10
100
100
100
1
TPC 8. Input Current and Voltage Noise vs. Frequency
FREQUENCY – MHz
10000
1
1000
100
10
0
10
100
200
G = +1
VS = 7.5V
TPC 9. Output Impedance vs. Frequency, Disabled State
FREQUENCY – MHz
1M
100k
10k
1k
100
1
0.01
0.1
1
10
100
1000
10
10M
VS = 7.5V
TPC 10. Open-Loop Transimpedance vs. Frequency,
RL = 150
FREQUENCY – MHz
90
1
80
0
10
100
70
60
50
40
30
20
10
VS = 7.5V
VS = 12V
R
R
R
R
VCM
TPC 11. Common-Mode Rejection vs. Frequency
FREQUENCY – MHz
60
1
50
40
30
20
10
0
10
100
1000
VS = 7.5V
+PSRR
–PSRR
TPC 12. Power Supply Rejection vs. Frequency


Similar Part No. - AD8024_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8024 AD-AD8024_16 Datasheet
186Kb / 13P
   Quad 350 MHz 24 V Amplifier
More results

Similar Description - AD8024_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8024 AD-AD8024_16 Datasheet
186Kb / 13P
   Quad 350 MHz 24 V Amplifier
AD8024 AD-AD8024_01 Datasheet
166Kb / 12P
   Quad 350 MHz 24 V Amplifier
REV. C
AD8024 AD-AD8024 Datasheet
164Kb / 11P
   Quad 350 MHz 24 V Amplifier
REV. B
logo
Ultralife Corporation.
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
   350-450 MHz Amplifier Kit
5/30/14
logo
Texas Instruments
THS9001 TI-THS9001 Datasheet
451Kb / 17P
[Old version datasheet]   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Analog Devices
AD8012ARZ AD-AD8012ARZ Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012 AD-AD8012_03 Datasheet
261Kb / 16P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012 AD-AD8012 Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
logo
Ultralife Corporation.
A-320V1-H ULTRALIFE-A-320V1-H Datasheet
300Kb / 2P
   20-Watt 350-450 MHz Amplifier
4/8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com