Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDP1822C3 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CDP1822C3
Description  High-Reliability CMOS 256-Word x 4-Bit LSI Static RAM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1822C3 Datasheet(HTML) 3 Page - Intersil Corporation

  CDP1822C3 Datasheet HTML 1Page - Intersil Corporation CDP1822C3 Datasheet HTML 2Page - Intersil Corporation CDP1822C3 Datasheet HTML 3Page - Intersil Corporation CDP1822C3 Datasheet HTML 4Page - Intersil Corporation CDP1822C3 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
6-21
Read Cycle Dynamic Electrical Specifications tR, tF = 10ns, CL = 50pF
PARAMETER
SYMBOL
VDD
(V)
LIMITS
UNITS
+25oC, -55oC
+125oC
MIN
MAX
MIN
MAX
Read Cycle (Note 1)
tRC
5
370
-
500
-
ns
Access from Address (Note 1)
tADA
5
-
370
-
500
ns
Output Valid from Chip Select 1 (Note 1)
tDOA1
5
-
370
-
500
ns
Output Valid from Chip Select 2 (Note 1)
tDOA2
5
-
370
-
500
ns
Output Active from Output Disable (Note 1)
tDOA3
5
-
170
-
225
ns
Output Hold from Chip Select 1
tDOH1
5
10
-
20
-
ns
Output Hold from Chip Select 2
tDOH2
5
10
-
20
-
ns
Output Hold from Output Disable
tDOH3
5
10
-
20
-
ns
NOTE:
1. Limits designate 100% testing. All other limits are designer’s parameters under given test conditions and do not represent 100% testing
NOTE: Minimum timing for valid data output. Longer times will initiate an
earlier but invalid output.
FIGURE 1. READ CYCLE WAVEFORMS AND TIMING DIAGRAM
FIGURE 2. MEMORY CELL CONFIGURATION
A0 - A7
CHIP
CHIP
OUTPUT
DISABLE
READ/
DATA OUT
tRC
tDOH3
SELECT 2
SELECT 1
WRITE
DATA OUT
VALID
HIGH
IMPEDANCE
HIGH
IMPEDANCE
tDOA3
tDOA2
tDOA1
tADA
tDOH1
tDOH2
(NOTE 1)
(NOTE 1)
(NOTE 1)
WRITE
ADDRESS
DECODER
VSS
VDD
VDD
READ
ADDRESS
DECODER
CDP1822C/3


Similar Part No. - CDP1822C3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1822C INTERSIL-CDP1822C Datasheet
45Kb / 8P
   256-Word x 4-Bit LSI Static RAM
March 1997
CDP1822C INTERSIL-CDP1822C Datasheet
169Kb / 9P
   256-Word x 4-Bit LSI Static RAM
CDP1822CD INTERSIL-CDP1822CD Datasheet
45Kb / 8P
   256-Word x 4-Bit LSI Static RAM
March 1997
CDP1822CD INTERSIL-CDP1822CD Datasheet
169Kb / 9P
   256-Word x 4-Bit LSI Static RAM
CDP1822CDX INTERSIL-CDP1822CDX Datasheet
45Kb / 8P
   256-Word x 4-Bit LSI Static RAM
March 1997
More results

Similar Description - CDP1822C3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1822 INTERSIL-CDP1822 Datasheet
45Kb / 8P
   256-Word x 4-Bit LSI Static RAM
March 1997
CDP1822 INTERSIL-CDP1822_1 Datasheet
169Kb / 9P
   256-Word x 4-Bit LSI Static RAM
MWS5101 INTERSIL-MWS5101 Datasheet
41Kb / 7P
   256-Word x 4-Bit LSI Static RAM
MWS5114 INTERSIL-MWS5114_1 Datasheet
113Kb / 8P
   1024-Word x 4-Bit LSI Static RAM
MWS5114 INTERSIL-MWS5114 Datasheet
29Kb / 7P
   1024-Word x 4-Bit LSI Static RAM
logo
List of Unclassifed Man...
CDM6116AC ETC1-CDM6116AC Datasheet
155Kb / 5P
   High-Reliability CMOS 2048-Word by 8-bit LSI Static RAM
logo
Toshiba Semiconductor
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
logo
Intersil Corporation
CDP1823C INTERSIL-CDP1823C Datasheet
28Kb / 6P
   High-Reliability CMOS 128-Word x 8-Bit Static RAM
March 1997
CDP1821C INTERSIL-CDP1821C Datasheet
32Kb / 7P
   High-Reliability CMOS 1024-Word x 1-Bit Static RAM
March 1997
logo
Toshiba Semiconductor
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
   65,536 WORD x 4 BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com