Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8011AR Datasheet(PDF) 9 Page - Analog Devices

Part # AD8011AR
Description  300 MHz Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8011AR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8011AR Datasheet HTML 5Page - Analog Devices AD8011AR Datasheet HTML 6Page - Analog Devices AD8011AR Datasheet HTML 7Page - Analog Devices AD8011AR Datasheet HTML 8Page - Analog Devices AD8011AR Datasheet HTML 9Page - Analog Devices AD8011AR Datasheet HTML 10Page - Analog Devices AD8011AR Datasheet HTML 11Page - Analog Devices AD8011AR Datasheet HTML 12Page - Analog Devices AD8011AR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
REV. C
–8–
AD8011
100
10
0.1
10k
0.1M
1M
10M
100M
500M
FREQUENCY (Hz)
1
0.01
VS = +5V OR 5V
G = +2
RF = 1k
TPC 19. Output Resistance vs. Frequency;
VS = +5 V or
±5 V
1k
10k
100k
1M
10M
100M
1G
140
120
100
80
60
20
0
FREQUENCY (Hz)
40
0
–40
–80
–120
–160
–200
–240
–280
PHASE
GAIN
TPC 20. Transimpedance Gain and Phase vs. Frequency
12.5
10.0
5.0
2.5
500
1k
10k
100k
FREQUENCY (Hz)
7.5
0
50
40
20
10
30
0
TPC 21. Noise vs. Frequency; VS = +5 V or
±5 V
9
8
7
6
5
4
3
2
3
4
5
6
7
8
9
10
11
1
0
f = 5MHz
G = +2
RF = 1k
RL = 150
RL = 1k
TOTAL SUPPLY VOLTAGE (V)
TPC 22. Output Swing vs. Supply


Similar Part No. - AD8011AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8011AR AD-AD8011AR Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AR AD-AD8011AR Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AR-REEL AD-AD8011AR-REEL Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8011AR-REEL AD-AD8011AR-REEL Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011AR-REEL7 AD-AD8011AR-REEL7 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
More results

Similar Description - AD8011AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com