Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSL-5140CG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # TRSL-5140CG
Description  622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-5140CG Datasheet(HTML) 1 Page - Optoway Technology Inc

  TRSL-5140CG Datasheet HTML 1Page - Optoway Technology Inc TRSL-5140CG Datasheet HTML 2Page - Optoway Technology Inc TRSL-5140CG Datasheet HTML 3Page - Optoway Technology Inc TRSL-5140CG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
TRSL-5140G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V2.0
1
TRSL-5140G / TRSL-5140CG / TRSL-5140AG / TRSL-5140ACG
3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Duplex LC Single Mode Transceiver
l SONET OC-12 LR-1 / SDH STM-4 (L-4.1) Compliant
l Small Form Factor, RJ-45 size, 2X5 pin Package
l 1310 nm LD Transmitte
l LVPECL Signal Input / Output
l LVTTL Transmitter Disable Input
l LVPECL Signal Detection Output : TRSL-5140G
l LVTTL Signal Detection Output : TRSL-5140CG
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: TRSL-5140G
l -40 to 85oC Operation: TRSL-5140AG
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l ATM 622 Mbps Links
l SONET/SDH Equipment Interconnect
l Fiber Channel 533 Mb/s Links
DESCRIPTION
The TRSL-5140G series single mode transceivers is small
form factor, low power, high performance module for
bi-directional serial optical data communications such as
SONET OC-12 LR-1 / SDH STM-4 (L-4.1) and Fiber
Channel. This module is designed for single mode fiber and
operates at a nominal wavelength of 1310 nm. A guaranteed
minimum optical link budget of 25 dB is offered which can
correspond to a link distance of over 40 km (assuming worst
case fiber loss of 0.45 dB/km). The transmitter section
uses a multiple quantum well laser and is a class 1 laser
compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated InGaAs
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC. A PECL logic interface
simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SONET
/SDH
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
TRSL-5140G
622
LR-1/L-4.1
40
1310
2X5 LC
0 to 70
2 to -3
-28
Yes
TRSL-5140AG
622
LR-1/L-4.1
40
1310 DFB
2X5 LC
-40 to 85
2 to -3
-28
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
-40
70
85
oC
TRSL-5140G
TRSL-5140AG
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
4.5
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Temperature
Topr
0
-40
70
85
oC / TRSL-5140G
oC / TRSL-5140AG
Data Rate
50
622
Mb/s
Power Supply Current
Icc
240
mA


Similar Part No. - TRSL-5140CG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-5140CG OPTOWAY-TRSL-5140CG Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - TRSL-5140CG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-5140AG OPTOWAY-TRSL-5140AG Datasheet
114Kb / 4P
   622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380-CXX0G OPTOWAY-TRSL-5380-CXX0G Datasheet
129Kb / 5P
   3.3V / CWDM / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5120AG OPTOWAY-TRSL-5120AG Datasheet
114Kb / 4P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380G OPTOWAY-TRSL-5380G Datasheet
125Kb / 4P
   3.3V / 1550 nm / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5120G OPTOWAY-TRSL-5120G Datasheet
114Kb / 4P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-13-622-F-SLC-55-G5 SOURCE-C-13-622-F-SLC-55-G5 Datasheet
707Kb / 9P
   622 Mbps Single Mode SFF LC Transceiver
C-15-622-FDFB-SLC4A-G5 SOURCE-C-15-622-FDFB-SLC4A-G5 Datasheet
697Kb / 7P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622C-F-SLC SOURCE-C-13-622C-F-SLC Datasheet
651Kb / 8P
   622 Mbps Single Mode SFF LC Transceiver
C-13-622-F-SLC SOURCE-C-13-622-F-SLC Datasheet
1Mb / 8P
   622 Mbps Single Mode SFF LC Transceiver
logo
Optoway Technology Inc
TRSL-5120AWG OPTOWAY-TRSL-5120AWG Datasheet
150Kb / 5P
   3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com