Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDP1802BC Datasheet(PDF) 4 Page - Intersil Corporation

Part # CDP1802BC
Description  CMOS 8-Bit Microprocessors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1802BC Datasheet(HTML) 4 Page - Intersil Corporation

  CDP1802BC Datasheet HTML 1Page - Intersil Corporation CDP1802BC Datasheet HTML 2Page - Intersil Corporation CDP1802BC Datasheet HTML 3Page - Intersil Corporation CDP1802BC Datasheet HTML 4Page - Intersil Corporation CDP1802BC Datasheet HTML 5Page - Intersil Corporation CDP1802BC Datasheet HTML 6Page - Intersil Corporation CDP1802BC Datasheet HTML 7Page - Intersil Corporation CDP1802BC Datasheet HTML 8Page - Intersil Corporation CDP1802BC Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
3-6
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, (VDD)
(All Voltages Referenced to VSS Terminal)
CDP1802A. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +11V
CDP1802AC, CDP1802BC . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . .-0.5V to VDD +0.5V
DC Input Current, any One Input
. . . . . . . . . . . . . . . . . . . . . . . . .±10mA
Thermal Resistance (Typical, Note 4)
θ
JA (
oC/W)
θ
JC (
oC/W)
PDIP . . . . . . . . . . . . . . . . . . . . . . . . . .
50
N/A
PLCC . . . . . . . . . . . . . . . . . . . . . . . . . .
46
N/A
SBDIP . . . . . . . . . . . . . . . . . . . . . . . . .
55
15
Device Dissipation Per Output Transistor
TA = Full Package Temperature Range . . . . . . . . . . . . . . . 100mW
Operating Temperature Range (TA)
Package Type D . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Package Type E and Q . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
Storage Temperature Range (TSTG) . . . . . . . . . . . . -65
oC to +150oC
Lead Temperature (During Soldering)
At distance 1/16
±1/32 In. (1.59 ± 0.79mm)
from case for 10s max . . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
Lead Tips Only . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended Operating Conditions TA = -40oC to +85oC. For maximum reliability, operating conditions should be selected so
that operation is always within the following ranges:
PARAMETER
TEST CONDITIONS
CDP1802A
CDP1802AC
CDP1802BC
UNITS
(NOTE 2)
VCC
(V)
VDD
(V)
MIN
MAX
MIN
MAX
MIN
MAX
DC Operating Voltage Range
-
-
4
10.5
4
6.5
4
6.5
V
Input Voltage Range
-
-
VSS
VDD
VSS
VDD
VSS
VDD
V
Maximum Clock Input Rise or
Fall Time
4 to 6.5
4 to 6.5
-
-
-
1
-
1
µs
4 to 10.5
4 to 10.5
-
1
----
µs
Minimum Instruction Time
(Note 3)
5
5
5-5-
3.2
-
µs
5
10
4
-----
µs
10
10
2.5
-----
µs
Maximum DMA Transfer Rate
5
5
-
400
-
400
-
667
KBytes/s
5
10
-
500
----
10
10
-
800
----
Maximum Clock Input Frequency,
fCL, Load Capacitance
(CL) = 50pF
5
5
DC
3.2
DC
3.2
DC
5
MHz
5
10
DC
4
----
MHz
10
10
DC
6.4
----
MHz
NOTES:
1. Printed circuit board mount: 57mm x 57mm minimum area x 1.6mm thick G10 epoxy glass, or equivalent.
2. VCC must never exceed VDD.
3. Equals 2 machine cycles - one Fetch and one Execute operation for all instructions except Long Branch and Long Skip, which require 3
machine cycles - one Fetch and two Execute operations.
4.
θ
JA is measured with component mounted on an evaluation board in free air.
CDP1802A, CDP1802AC, CDP1802BC


Similar Part No. - CDP1802BC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1802BC INTERSIL-CDP1802BC Datasheet
240Kb / 28P
   CMOS 8-Bit Microprocessors
CDP1802BCDX INTERSIL-CDP1802BCDX Datasheet
240Kb / 28P
   CMOS 8-Bit Microprocessors
CDP1802BCE INTERSIL-CDP1802BCE Datasheet
240Kb / 28P
   CMOS 8-Bit Microprocessors
CDP1802BCEX INTERSIL-CDP1802BCEX Datasheet
240Kb / 28P
   CMOS 8-Bit Microprocessors
CDP1802BCQ INTERSIL-CDP1802BCQ Datasheet
240Kb / 28P
   CMOS 8-Bit Microprocessors
More results

Similar Description - CDP1802BC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1802A INTERSIL-CDP1802A_1 Datasheet
240Kb / 28P
   CMOS 8-Bit Microprocessors
logo
NEC
UPD70008 NEC-UPD70008 Datasheet
1Mb / 27P
   8-BIT CMOS MICROPROCESSORS
logo
Intel Corporation
8085AH INTEL-8085AH Datasheet
664Kb / 20P
   8 BIT HMOS MICROPROCESSORS
logo
3M Electronics
8085AH 3M-8085AH Datasheet
1Mb / 21P
   8-BIT HMOS MICROPROCESSORS
logo
Intel Corporation
D8085AH INTEL-D8085AH Datasheet
1Mb / 20P
   8-BIT HMOS MICROPROCESSORS
logo
Advanced Micro Devices
80C188 AMD-80C188 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
logo
Freescale Semiconductor...
MC68HC000RC10 FREESCALE-MC68HC000RC10 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68HC000EI8 MOTOROLA-MC68HC000EI8 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
logo
Renesas Technology Corp
SH7011 RENESAS-SH7011 Datasheet
1Mb / 292P
   CMOS single-chip microprocessors
logo
Freescale Semiconductor...
MC68000UM FREESCALE-MC68000UM Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com