Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1667-Y Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1667-Y
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1667-Y Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1667-Y Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1667-Y Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1667-Y Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1667
Switching Time Test Circuit
IB1 = 0.2 A,IB2 = 0.2 A,
duty cycle ≤ 1%
20 μs
VCC = −30 V
Output
IB2
IB1
Input
Typical Characterisitics
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
−4
−3
−2
−1
−2
−3
−4
−5
−1
0
−20
−30
−60
IB = −10 mA
−40
−50
−70
0
−80
Common emitter
Tc = 25°C
0
1000
−0.02
300
100
50
20
−0.1
−3
Tc = 100°C
25
−25
Common emitter
VCE = −5V
500
−0.3
−1
−1
−0.02
−0.3
−0.1
−0.02
−0.1
−1
−5
Tc = 100°C
25
−25
Common emitter
IC/IB = 10
−0.05
−0.5
−0.3
−3
−3.0
−2.0
−1.0
−0.8
−1.2
−1.6
−0.4
0
Common emitter
VCE = −5 V
0
Tc = 100°C
25
25


Similar Part No. - 2SB1667-Y

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1667 TOSHIBA-2SB1667 Datasheet
123Kb / 3P
   TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
2SB1667 TOSHIBA-2SB1667 Datasheet
161Kb / 5P
   Silicon PNP Triple Diffused Type
logo
Guangdong Kexin Industr...
2SB1667 KEXIN-2SB1667 Datasheet
45Kb / 2P
   Silicon PNP Triple Diffused Type
logo
Toshiba Semiconductor
2SB1667 TOSHIBA-2SB1667 Datasheet
178Kb / 5P
   Audio Frequency Power Amplifier Applications
2SB1667 TOSHIBA-2SB1667 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SB1667-Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com