Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA836TF Datasheet(PDF) 4 Page - NEC

Part # UPA836TF
Description  NPN SILICON EPITAXIAL TWIN TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA836TF Datasheet(HTML) 4 Page - NEC

  UPA836TF Datasheet HTML 1Page - NEC UPA836TF Datasheet HTML 2Page - NEC UPA836TF Datasheet HTML 3Page - NEC UPA836TF Datasheet HTML 4Page - NEC UPA836TF Datasheet HTML 5Page - NEC UPA836TF Datasheet HTML 6Page - NEC UPA836TF Datasheet HTML 7Page - NEC UPA836TF Datasheet HTML 8Page - NEC UPA836TF Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
UPA836TF
TYPICAL PERFORMANCE CURVES (TA = 25˚C)
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
Collector Current, lc (mA)
Collector Current, lc (mA)
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
Q1
Q2
NOISE FIGURE vs.
COLLECTOR CURRENT
Collector Current, lc (mA)
Collector Current, lc (mA)
NOISE FIGURE vs.
COLLECTOR CURRENT
Q1
Q2
FEEDBACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
Collector to Base Voltage, VCB (V)
Collector to Base Voltage, VCB (V)
FEEDBACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
Q1
Q2
10
8
6
4
2
2
5
10
20
50
0.5
f = 2 GHz
5 V
3 V
VCE = 1 V
10
5
0
12
3
5
7
10
VCE = 1 V
f= 2 GHz
4
3
2
1
0
12
5
10
20
50
0.5
VCE = 3 V
f = 2 GHz
3
2
1
12
3
5
7
10
VCE = 1 V
f = 2 GHz
f = 1 GHz
0.6
0.5
0.4
0.3
0.2
12
5
10
20
0.5
f = 1 MHz
1.0
0.5
0.1
1
5
10
20
f = 1 MHz


Similar Part No. - UPA836TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPA836TC NEC-UPA836TC Datasheet
16Kb / 2P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA836TC-T1 NEC-UPA836TC-T1 Datasheet
16Kb / 2P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results

Similar Description - UPA836TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPA827TF NEC-UPA827TF Datasheet
166Kb / 6P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA826TC NEC-UPA826TC_01 Datasheet
35Kb / 3P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA832TF NEC-UPA832TF_99 Datasheet
58Kb / 9P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1127E RENESAS-HTT1127E Datasheet
284Kb / 9P
   Silicon NPN Epitaxial Twin Transistor
logo
NEC
UPA836TC NEC-UPA836TC Datasheet
16Kb / 2P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1213E RENESAS-HTT1213E Datasheet
144Kb / 4P
   Silicon NPN Epitaxial Twin Transistor
logo
NEC
UPA833TF NEC-UPA833TF_99 Datasheet
77Kb / 11P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA821TF NEC-UPA821TF Datasheet
40Kb / 6P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA835TF NEC-UPA835TF Datasheet
72Kb / 10P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA839TF NEC-UPA839TF Datasheet
17Kb / 2P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com