Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15020-0805 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 15020-0805
Description  0.50mm Pitch Premo-Flex FFC Jumper
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

15020-0805 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  15020-0805 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/17/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
15020-0805
Status:
Active
Overview:
Premo-Flex™ FFC and Etched Polyimide Jumpers
Description:
0.50mm Pitch Premo-Flex™ FFC Jumper, Same Side Contacts (Type A), 11 Circuits,
0.229m Cable Length, 0.27mm Cable Thickness, Gold (Au) Plating
Documents:
Drawing (PDF)
Packaging Specification PK-15020-001 (PDF)
Product Specification PS-15020-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable
Series
15020
Comments
Contacts on the same side, Type A
Crimp Quality Equipment
Yes
Overview
Premo-Flex™ FFC and Etched Polyimide Jumpers
Product Name
Premo-Flex™FFC Jumper
UPC
884982180802
Physical
Cable Length
0.229m
Circuits (Loaded)
11
Circuits (maximum)
11
Packaging Type
Bag
Pitch - Termination Interface
0.50mm
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Wire/Cable Type
Flat Flex Cable
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
60V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-15020-001
Product Specification
PS-15020-001
Sales Drawing
SD-15020-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
15020Series
Use With
<a href="www.molex.com/link/ffc-
fpc.html">Molex FFC – FPC connector</a>.
Be sure to match like plating
This document was generated on 12/17/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 15020-0805

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15020-0805 MOLEX11-15020-0805 Datasheet
42Kb / 1P
   0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 11 Circuits
More results

Similar Description - 15020-0805

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15020-0907 MOLEX11-15020-0907 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-0971 MOLEX11-15020-0971 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-0983 MOLEX11-15020-0983 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-0995 MOLEX11-15020-0995 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-0999 MOLEX11-15020-0999 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-1011 MOLEX11-15020-1011 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-1123 MOLEX11-15020-1123 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-1066 MOLEX11-15020-1066 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-1070 MOLEX11-15020-1070 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-1071 MOLEX11-15020-1071 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
15020-1080 MOLEX11-15020-1080 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com