Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDMK4040T1R2MF Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # MDMK4040T1R2MF
Description  Metal Core SMD Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

MDMK4040T1R2MF Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  MDMK4040T1R2MF Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Metal Core SMD Power Inductors (MCOIL(TM) MD series)
MDMK4040T1R2MF
Features
Item Summary
1.2μH(±20%), 4200mA, 3500mA
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 1000pcs
Products characteristics table
CaseSize (EIA/JIS)
-/4040
Inductance
1.2μH(±20%)
Inductance Measuring Frequency
100kHz
Rated Current -Saturation Current
4200mA
Rated Current -Temperature Rise Current
3500mA
DC Resistance (max)
0.047Ω
Avg. of DC.Resistance
0.041Ω
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
4mm ±0.2
W
4mm ±0.2
H
1.2mm max
Recommended Land Patterns
2015.02.25
1 / 1


Similar Part No. - MDMK4040T1R2MF

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MDMK4040T1R2MF TAIYO-YUDEN-MDMK4040T1R2MF Datasheet
371Kb / 3P
   Wire-wound Metal Power Inductors MCOIL™ LSDN series for General Electronic Equipment
2021/8/3
MDMK4040T1R2MF8 TAIYO-YUDEN-MDMK4040T1R2MF8 Datasheet
306Kb / 3P
   Metal Core SMD Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (MCOIL?? MD series)
MDMK4040T1R2MFV TAIYO-YUDEN-MDMK4040T1R2MFV Datasheet
146Kb / 1P
   Metal Core SMD Power Inductors for Automotive
More results

Similar Description - MDMK4040T1R2MF

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MDJE2020T1R0MM TAIYO-YUDEN-MDJE2020T1R0MM Datasheet
152Kb / 1P
   Metal Core SMD Power Inductors
MDJE2020T2R2MM TAIYO-YUDEN-MDJE2020T2R2MM Datasheet
146Kb / 1P
   Metal Core SMD Power Inductors
MDJE4040T4R7MM TAIYO-YUDEN-MDJE4040T4R7MM Datasheet
152Kb / 1P
   Metal Core SMD Power Inductors
MDJE4040T100MM TAIYO-YUDEN-MDJE4040T100MM Datasheet
152Kb / 1P
   Metal Core SMD Power Inductors
MDKK1616T2R2MM TAIYO-YUDEN-MDKK1616T2R2MM Datasheet
152Kb / 1P
   Metal Core SMD Power Inductors
MDKK2020T1R0MM TAIYO-YUDEN-MDKK2020T1R0MM Datasheet
152Kb / 1P
   Metal Core SMD Power Inductors
MDKK2020TR47MM TAIYO-YUDEN-MDKK2020TR47MM Datasheet
152Kb / 1P
   Metal Core SMD Power Inductors
MDKK3030T1R0MM TAIYO-YUDEN-MDKK3030T1R0MM Datasheet
146Kb / 1P
   Metal Core SMD Power Inductors
MDKK3030T1R5MM TAIYO-YUDEN-MDKK3030T1R5MM Datasheet
146Kb / 1P
   Metal Core SMD Power Inductors
MDKK3030T6R8MM TAIYO-YUDEN-MDKK3030T6R8MM Datasheet
152Kb / 1P
   Metal Core SMD Power Inductors
MDMK2020TR68MM TAIYO-YUDEN-MDMK2020TR68MM Datasheet
152Kb / 1P
   Metal Core SMD Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com