Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74ACT138M Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT138M
Description  3-to-8-Line Decoders/Demultiplexers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT138M Datasheet(HTML) 6 Page - Texas Instruments

  CD74ACT138M Datasheet HTML 1Page - Texas Instruments CD74ACT138M Datasheet HTML 2Page - Texas Instruments CD74ACT138M Datasheet HTML 3Page - Texas Instruments CD74ACT138M Datasheet HTML 4Page - Texas Instruments CD74ACT138M Datasheet HTML 5Page - Texas Instruments CD74ACT138M Datasheet HTML 6Page - Texas Instruments CD74ACT138M Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Propagation Delay,
E3 to Output
(CD74AC/ACT238)
tPLH, tPHL
5
3.5
-
12.4
3.4
-
13.6
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 13)
-
-
110
-
-
110
-
pF
NOTES:
10. Limits tested at 100%.
11. 3.3V Min at 3.6V, Max at 3V.
12. 5V Min at 5.5V, Max at 4.5V.
13. CPD is used to determine the dynamic power consumption per package.
AC: PD = VCC
2 f
i (CPD + CL)
ACT: PD = VCC
2 f
i (CPD + CL) + VCC ∆ICC where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case) (Continued)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
FIGURE 1. PROPAGATION DELAY TIMES
FIGURE 2. PROPAGATION DELAY TIMES
tr = 3ns
tf = 3ns
90%
VS
10%
GND
INPUT
138 OUTPUT
tPHL
tPLH
238 OUTPUT
tPLH
tPHL
VS
VS
E1, E2
tr = 3ns
tf = 3ns
90%
VS
GND
INPUT
138 OUTPUT
tPHL
tPLH
238 OUTPUT
tPLH
tPHL
VS
VS
E3
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
FIGURE 3. PROPAGATION DELAY TIMES
AC
ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
CD54/74AC138, CD54/74ACT138, CD74AC238, CD74ACT238


Similar Part No. - CD74ACT138M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT138M TI-CD74ACT138M Datasheet
341Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
CD74ACT138M TI-CD74ACT138M Datasheet
652Kb / 16P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
CD74ACT138M96 TI-CD74ACT138M96 Datasheet
341Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
CD74ACT138M96 TI-CD74ACT138M96 Datasheet
652Kb / 16P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
CD74ACT138M96E4 TI-CD74ACT138M96E4 Datasheet
652Kb / 16P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - CD74ACT138M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com