Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT2652ATLB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT2652ATLB
Description  FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT2652ATLB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT2652ATLB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT2652ATLB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT2652ATLB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT2652ATLB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT2652ATLB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT2652ATLB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT2652ATLB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT2652ATLB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT2652ATLB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
6.20
2
IDT54/74FCT646/2646/652/2652T/AT/CT/DT, 648T/AT/CT
FAST CMOS OCTAL TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
2634 drw 05
PIN DESCRIPTION
2634 tbl 01
2634 drw 04
2634 drw 02
Pin Names
Description
A1 - A8
Data Register A Inputs
Data Register B Outputs
B1 - B8
Data Register B Inputs
Data Register A Outputs
CPAB, CPBA
Clock Pulse Inputs
SAB, SBA
Output Data Source Select Inputs
DIR,
G
Output Enable Inputs (646/648)
GAB,
GBA
Output Enable Inputs (652)
CPAB
SAB
DIR
A1
A2
A3
A4
A5
A6
GND
CPBA
SBA
G
B1
B2
B4
B3
B5
VCC
1
2
3
4
5
6
7
8
9
10
13
14
15
16
17
18
19
20
P24-1
D24-1
SO24-2
SO24-7*
SO24-8
SO24-9*
&
E24-1
11
12
21
22
23
24
A7
A8
B6
B7
DIP/SOIC/SSOP/
QSOP/TSSOP/CERPACK
TOP VIEW
B8
* FCT646/2646T/AT/CT/DT only
CPAB
SAB
GAB
A1
A2
A3
A4
A5
A6
GND
CPBA
SBA
GBA
B1
B2
B4
B3
B5
VCC
1
2
3
4
5
6
7
8
9
10
13
14
15
16
17
18
19
20
P24-1
D24-1
SO24-2
SO24-7*
SO24-8
&
E24-1
11
12
21
22
23
24
A7
A8
B6
B7
DIP/SOIC/SSOP/
QSOP/CERPACK
TOP VIEW
B8
* FCT652/2652T/AT/CT/DT only
INDEX
LCC
TOP VIEW
32
20
19
1
4
5
6
7
8
18
17
16
15
14
9
10
11
12 13
21
22
23
24
25
26
27
28
L28-1
A1
A2
A3
NC
A4
A5
A6
G
B1
B2
NC
B3
B4
B5
INDEX
LCC
TOP VIEW
32
20
19
1
4
5
6
7
8
18
17
16
15
14
9
10
11
12 13
21
22
23
24
25
26
27
28
L28-1
A1
A2
A3
NC
A4
A5
A6
GBA
B1
B2
NC
B3
B4
B5
FCT652/FCT2652T
FCT646/FCT2646T
FCT648
2634 drw 03


Similar Part No. - IDT74FCT2652ATLB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT20807 RENESAS-IDT74FCT20807 Datasheet
217Kb / 7P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT74FCT20807PYI IDT-IDT74FCT20807PYI Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT20807QI IDT-IDT74FCT20807QI Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - IDT74FCT2652ATLB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5474FCT374A IDT-IDT5474FCT374A Datasheet
91Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
74FCT574T IDT-74FCT574T Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT374T PERICOM-PI74FCT374T Datasheet
163Kb / 9P
   Fast CMOS Octal D Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT574 IDT-IDT74FCT574 Datasheet
144Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
7130LA55P IDT-7130LA55P Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Texas Instruments
CD54-74AC651 TI-CD54-74AC651 Datasheet
276Kb / 8P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
CD74ACT646EN TI1-CD74ACT646EN Datasheet
996Kb / 15P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
CD54-74AC646 TI-CD54-74AC646 Datasheet
263Kb / 8P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com