Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA833TF-T1 Datasheet(PDF) 5 Page - NEC

Part # UPA833TF-T1
Description  NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA833TF-T1 Datasheet(HTML) 5 Page - NEC

  UPA833TF-T1 Datasheet HTML 1Page - NEC UPA833TF-T1 Datasheet HTML 2Page - NEC UPA833TF-T1 Datasheet HTML 3Page - NEC UPA833TF-T1 Datasheet HTML 4Page - NEC UPA833TF-T1 Datasheet HTML 5Page - NEC UPA833TF-T1 Datasheet HTML 6Page - NEC UPA833TF-T1 Datasheet HTML 7Page - NEC UPA833TF-T1 Datasheet HTML 8Page - NEC UPA833TF-T1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
µµµµPA833TF
Collector current IC (mA)
0.1 0.2
1
0.5
10 20
50
25
100
200
VCE = 1 V
100
0
DC Current Gain vs. Collector Current
Collector current IC (mA)
f = 2 GHZ
VCE = 1 V
5
10
0
12
3
5
7
10
Gain Bandwidth Product vs. Collector Current
Collector current IC (mA)
f = 2 GHZ
VCE = 1 V
5
10
0
12
3
5
7
10
Insertion Power Gain vs. Collector Current
DC Current Gain vs. Collector Current
200
0.1
100
0
0.5
1
5
10
50 100
5 V
Collector current IC (mA)
0.2
2
20
VCE = 3 V
14
0.5
12
10
8
6
4
2
12
5
10
50
Collector current IC (mA)
Gain Bandwidth Product vs. Collector Current
20
f = 2 GHz
VCE = 1 V
5 V
3 V
Collector current IC (mA)
10
0.5
8
6
4
2
510
50
20
2
VCE = 1 V
f = 2 GHz
5 V
3 V
Insertion Power Gain vs. Collector Current
Q1
Q2


Similar Part No. - UPA833TF-T1

ManufacturerPart #DatasheetDescription
logo
NEC
UPA833TF-T1 NEC-UPA833TF-T1 Datasheet
77Kb / 11P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results

Similar Description - UPA833TF-T1

ManufacturerPart #DatasheetDescription
logo
NEC
UPA832TF NEC-UPA832TF Datasheet
65Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
UPA834TF NEC-UPA834TF Datasheet
68Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
UPA831TC NEC-UPA831TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA835TC NEC-UPA835TC Datasheet
71Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA840TC NEC-UPA840TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA803T NEC-UPA803T Datasheet
60Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA843TC NEC-UPA843TC Datasheet
76Kb / 7P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
logo
California Eastern Labs
UPA863TD CEL-UPA863TD Datasheet
726Kb / 27P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN LEAD-LESS MINIMOLD
logo
NEC
UPA828TF NEC-UPA828TF Datasheet
92Kb / 20P
   HIGH-FREQUENCY LOW-NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5184 THIN-TYPE SMALL MINI MOLD
UPA806T NEC-UPA806T Datasheet
49Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com