Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7934-6 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7934-6
Description  4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7934-6 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7934-6_15 Datasheet HTML 4Page - Analog Devices AD7934-6_15 Datasheet HTML 5Page - Analog Devices AD7934-6_15 Datasheet HTML 6Page - Analog Devices AD7934-6_15 Datasheet HTML 7Page - Analog Devices AD7934-6_15 Datasheet HTML 8Page - Analog Devices AD7934-6_15 Datasheet HTML 9Page - Analog Devices AD7934-6_15 Datasheet HTML 10Page - Analog Devices AD7934-6_15 Datasheet HTML 11Page - Analog Devices AD7934-6_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7934-6
Rev. B | Page 8 of 28
Pin No.
Mnemonic
Description
22
CS
Chip Select. Active low logic input used in conjunction with RD and WR to read conversion data or write data
to the control register.
23
AGND
Analog Ground. This is the ground reference point for all analog circuitry on the AD7934-6. All analog input
signals and any external reference signal should be referred to this AGND voltage. The AGND and DGND
voltages should ideally be at the same potential and must not be more than 0.3 V apart, even on a transient basis.
24
VREFIN/VREFOUT
Reference Input/Output. This pin is connected to the internal reference, and is the reference source for the
ADC. The nominal internal reference voltage is 2.5 V, and it appears at this pin. It is recommended that this pin
be decoupled to AGND with a 470 nF capacitor. This pin can be overdriven by an external reference. The input
voltage range for the external reference is 0.1 V to VDD; however, care must be taken to ensure that the analog
input range does not exceed VDD + 0.3 V. See the Reference section.
25 to 28
VIN0 to VIN3
Analog Input 0 to Analog Input 3. Four analog input channels that are multiplexed into the on-chip track-and-
hold. The analog inputs can be programmed to be four single-ended inputs, two fully differential pairs, or two
pseudo differential pairs by setting the MODE bits in the control register appropriately (see Table 9). The
analog input channel to be converted can be selected either by writing to the address bits (ADD1 and ADD0)
in the control register prior to the conversion, or by using the on-chip sequencer. The input range for all input
channels can be either 0 V to VREF, or 0 V to 2 × VREF, and the coding can be binary or twos complement,
depending on the states of the RANGE and CODING bits in the control register. Any unused input channels
should be connected to AGND to avoid noise pickup.


Similar Part No. - AD7934-6_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7934-6 AD-AD7934-6_17 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
More results

Similar Description - AD7934-6_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7934-6 AD-AD7934-6 Datasheet
750Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. A
AD7934-6 AD-AD7934-6_17 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7938-6 AD-AD7938-6_17 Datasheet
819Kb / 33P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
AD7938-6 AD-AD7938-6 Datasheet
762Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. 0
AD7938-6 AD-AD7938-6_15 Datasheet
599Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. C
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com