Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT9831 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT9831
Description  315/433MHz ASK Transmitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9831 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

  HT9831 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9831 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
8-pin SOP (150mil) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
¾
0.236 BSC
¾
B
¾
0.154 BSC
¾
C
0.012
¾
0.020
C
¢¾
0.193 BSC
¾
D
¾¾
0.069
E
¾
0.050 BSC
¾
F
0.004
¾
0.010
G
0.016
¾
0.050
H
0.004
¾
0.010
a
0
°¾
8
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
¾
6.00 BSC
¾
B
¾
3.90 BSC
¾
C
0.31
¾
0.51
C
¢¾
4.90 BSC
¾
D
¾¾
1.75
E
¾
1.27 BSC
¾
F
0.10
¾
0.25
G
0.40
¾
1.27
H
0.10
¾
0.25
a
0
°¾
8
°
HT9831
Rev. 1.20
7
November 5, 2014
D
F
C '
G
H
=
E
8
1
A
B
C
4
5


Similar Part No. - HT9831

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
HT98R068-1 HOLTEK-HT98R068-1_13 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
More results

Similar Description - HT9831

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH71072 MELEXIS-TH71072 Datasheet
255Kb / 10P
   315/433MHz ASK Transmitter / LO Source
TH7107 MELEXIS-TH7107 Datasheet
376Kb / 16P
   315/433MHz FSK/FM/ASK Transmitter
TH71071 MELEXIS-TH71071 Datasheet
254Kb / 10P
   315/433MHz ASK Transmitter / LO Source
logo
List of Unclassifed Man...
TH71071 ETC-TH71071 Datasheet
251Kb / 10P
   315/433MHz ASK Transmitter / LO Source
logo
Melexis Microelectronic...
TH72012 MELEXIS-TH72012 Datasheet
517Kb / 20P
   433MHz ASK Transmitter
TH72012 MELEXIS-TH72012_17 Datasheet
1Mb / 21P
   433MHz ASK Transmitter
TH72016 MELEXIS-TH72016 Datasheet
339Kb / 16P
   433MHz FSK/ASK Transmitter
TH72015 MELEXIS-TH72015_17 Datasheet
1Mb / 21P
   433MHz FSK/ASK Transmitter
TH72016 MELEXIS-TH72016_17 Datasheet
885Kb / 16P
   433MHz FSK/ASK Transmitter
EVB7107 MELEXIS-EVB7107 Datasheet
252Kb / 10P
   315/433MHz Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com