Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS462CTP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HMS462CTP
Description  5mm THREADED LENS for PCB MOUNTED LEDs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HMS462CTP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HMS462CTP Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
LENSES
1.800.522.5546
www.VCCLITE.com
vccsales@vcclite.com
SPECIFICATIONS
MATERIAL
Lens
- Polycarbonate
Lock washer - FH Steel, Nickel plate
Retaining ring - Thermoplastic U.L. 94 V0 Rated
Seal
- EPDM
DESIGN
5mm low profile lens with fresnel rings.
MOUNTING
Mounts through front of panel. Retaining ring secures the assembly to panel.
CMC 441 & CMS 442 mounts through a 5/16˝ (8.0mm) hole on 1/2˝ centers.
Panel thickness 1/32˝ to 1/8˝.
TEST DATA
Assembly tested for: Temperature cycle -40°C to +105°C, Water, Ice,
Shock/vibration up to 6g at 2000Hz, Solar & UV. Tests conducted by
Consolidated Laboratories.
VERSATILITY
CLIPLITE
® lenses provide a method of viewing PCB mounted LEDs on a display panel. Designed to
accommodate 5mm through-hole LEDs. Permits LED viewing angles of up to 180 degrees. Lenses
are available in six colors.
BRIGHTNESS
CLIPLITE
® lenses enhance the direct viewing of PCB mounted LEDs. Mono, multi-color, infrared,
and photo detection devices can be displayed in this manner. LED brightness levels can range from
20 to 40,000mcd.
APPLICATION
CLIPLITE
® lenses permit the panel display of PCB mounted LED without its physical attachment to
front panel. Properly installed, the assembly exceeds NEMA 4 for water, ice and dust conditions.
Additionally tested for U.V., solar, temperature cycling, shock and vibration. Also provides circuit
protection from ESD.
INSTALLATION
CLIPLITE
® 5mm lenses are easily installed. Simply slip lens through a 5/16˝ panel opening, slide
lock washer onto lens barrel and twist on retaining ring. PCB mounted LED can then slide in and out
of the lens without physical attachment to display panel. If overtightened, retaining ring is designed
to slip back into previous thread. Secure by retightening ring.
LENS ASSEMBLY WITH PCB MOUNTED LEDs
PCB mounted 5mm LED with panel lens assembly.
EASY THREE STEP PANEL ASSEMBLY
Slide lens through 5/16˝ hole. Slip the lock washer onto lens barrel. While holding lens,
twist retaining ring one revolution until secure.
OUTLINE DRAWING
RECOMMENDED LEDs
CMC 441 (Assembly)
STANDARD LENS
w/Lockwasher & Retainer
CMS 442 (Assembly)
WATER TIGHT SEAL
w/Lockwasher & Retainer
LOCK WASHER
RETAINING RING
5mm THREADED LENS for PCB MOUNTED LEDs
U.S. & Foreign Patents Issued and Pending
ORDERING CODES
CMC 441 RTP
MODEL
CMC 441 Standard Threaded 5mm Fresnel Lens
CMS 442 Water Tight Threaded 5mm Fresnel Lens
CMC 441 ASSEMBLY CONTAINS
Lens
Lock washer
Retaining ring
CMS 442 ASSEMBLY CONTAINS
Lens w/Seal (Exceeds NEMA 4)
Lock washer
Retaining ring
COLOR
RTP Red Transparent
ATP Amber Transparent
GTP Green Transparent
BTP Blue Transparent
YTP Yellow Transparent
CTP Clear Transparent
SEE PAGE 30-31


Similar Part No. - HMS462CTP

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HMS40N10D HMSEMI-HMS40N10D Datasheet
1Mb / 7P
   N-Channel Super Trench Power MOSFET
HMS40N65T HMSEMI-HMS40N65T Datasheet
958Kb / 7P
   650V N-Channel super junction MOSFET
HMS4110T HMSEMI-HMS4110T Datasheet
698Kb / 7P
   N-Channel Super Trench Power MOSFET
logo
Cirrus Logic
HMS41260 CIRRUS-HMS41260 Datasheet
10Mb / 140P
   CL-GD5434 V1.00 Software Release Errata
Revision 1.2 April 1994
logo
Shenzhen Huazhimei Semi...
HMS4240 HMSEMI-HMS4240 Datasheet
733Kb / 7P
   N-Channel Super Trench Power MOSFET
More results

Similar Description - HMS462CTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMC441RTP VCC-CMC441RTP Datasheet
88Kb / 1P
   5MM ROUND STANDARD THREADED FRESNEL LENS
CMC-441 VCC-CMC-441 Datasheet
88Kb / 1P
   THREADED FRESNEL LENS 5MM ROUND STANDARD
logo
List of Unclassifed Man...
ORD9702 ETC-ORD9702 Datasheet
111Kb / 2P
   PCB MOUNTED LEDS
logo
Bedford Opto Technology...
ORD9702XY BOT-ORD9702XY Datasheet
34Kb / 2P
   3mm PCB MOUNTED LEDS
logo
Sanken electric
SEL5021 SANKEN-SEL5021_08 Datasheet
428Kb / 2P
   5mm Pitch Lead 3phi Lens LEDs
logo
Visual Communications C...
CMS442RTP VCC-CMS442RTP Datasheet
88Kb / 1P
   5MM ROUND STANDARD THREADED FRESNEL LENS WITH SEAL
CMS444RTP VCC-CMS444RTP Datasheet
87Kb / 1P
   5MM ROUND STANDARD THREADED FRESNEL LENS WITH SEAL
CMS-442 VCC-CMS-442 Datasheet
88Kb / 1P
   WITH SEAL 5MM ROUND STANDARD THREADED FRESNEL LENS
CMS-444 VCC-CMS-444 Datasheet
87Kb / 1P
   SEAL 5MM ROUND STANDARD THREADED PLAIN LENS WITH
logo
Bedford Opto Technology...
ORE9701L BOT-ORE9701L Datasheet
113Kb / 2P
   Low Current PCB MOUNTED LEDS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com