Electronic Components Datasheet Search |
|
FWLF15217D Datasheet(PDF) 5 Page - Finisar Corporation. |
|
FWLF15217D Datasheet(HTML) 5 Page - Finisar Corporation. |
5 / 11 page FWLF15217Dxx SFP Product Specification – February 2013 F i n i s a r Finisar Corporation February 2013 Rev.B2 Page 5 V. Optical Characteristics (TOP = 0 to 70 C, VCC = 3.15 to 3.60 Volts) Parameter Symbol Min Typ Max Unit Ref. Transmitter Output Opt. Pwr (End of Life) POUT +0 +5 dBm 1 Optical Wavelength (x-6.5) (x) (x+6.5) nm 2 Wavelength Temperature Dependance 0.08 0.125 nm/°C Spectral Width (-20dB) 1 nm Optical Extinction Ratio ER 8.2 dB Sidemode Supression ratio SSRmin 30 dB Optical Rise/Fall Time tr/ tf 180 ps 3 RIN RIN -120 dB/Hz Transmitter Jitter Generation 75 mUI Dispersion Penalty at 50km 1.5 dB Receiver Optical Input Power Pin -20 0 dBm Optical Center Wavelength C 1270 1620 nm LOS De-Assert LOSD -19 dBm LOS Assert LOSA -30 dBm LOS Hysteresis 1.0 dB Receiver Jitter Generation @2.488Gbps 130 ps 6 Receiver Jitter Generation @1.25Gbps 160 ps 7 Dispersion Penalty at 60km 2 dB 8 Notes: 1. Class 1 Laser Safety per FDA/CDRH and IEC-825-1 regulations. 2. Over case temperature of 0 to 70 °C. The Transmitter Center Wavelength “x” is as specified by the customer. The current available wavelengths are: 1470, 1490, 1510, 1530, 1550, 1570, 1590, and 1610 nm. Please see the “Product Selection” section on page 1. 3. Unfiltered 4. Worst-case extinction ratio. Measured with a PRBS 2 23-1 test pattern, @2.67Gb/s, BER<10 –12, EOL 5. Worst-case extinction ratio. Measured with a PRBS 2 7-1 test pattern, @1.25Gb/s, BER<10 –12, EOL 6. Jitter added by receiver (peak to peak). Measured at Average Rx Sensitivity of –20dBm, PRBS 2 31-1 test pattern. 7. Jitter added by receiver (peak to peak). Measured at Average Rx Sensitivity of –23dBm, PRBS 2 7-1 test pattern. 8. Measured using 9/12m SMF-28 @2.488Gbps, PRBS 2 23-1 test pattern, BER<10 –10. V. General Specifications Parameter Symbol Min Typ Max Units Ref. Data Rate BR 0.622 2.67 Gb/sec Total System Budget -- 20 21.0 dB @2.67 Gb/s, BER < 10 -12 |
Similar Part No. - FWLF15217D |
|
Similar Description - FWLF15217D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |