Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF15197D Datasheet(PDF) 6 Page - Finisar Corporation.

Part # FWLF15197D
Description  CWDM Pluggable SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF15197D Datasheet(HTML) 6 Page - Finisar Corporation.

Back Button FWLF15197D Datasheet HTML 2Page - Finisar Corporation. FWLF15197D Datasheet HTML 3Page - Finisar Corporation. FWLF15197D Datasheet HTML 4Page - Finisar Corporation. FWLF15197D Datasheet HTML 5Page - Finisar Corporation. FWLF15197D Datasheet HTML 6Page - Finisar Corporation. FWLF15197D Datasheet HTML 7Page - Finisar Corporation. FWLF15197D Datasheet HTML 8Page - Finisar Corporation. FWLF15197D Datasheet HTML 9Page - Finisar Corporation. FWLF15197D Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FWLF15197Dxx SFP Product Specification – June 2014
F i n i s a r
 Finisar Corporation June 2014 Rev.E3
Page 6
VIII. Digital Diagnostic Functions
Finisar FWLF15197Dxx SFP transceivers support the 2-wire serial communication
protocol as defined in the draft SFP MSA
1. It is very closely related to the E2PROM
defined in the GBIC standard, with the same electrical specifications.
The standard SFP serial ID provides access to identification information that describes
the transceiver’s capabilities, standard interfaces, manufacturer, and other information.
Additionally, Finisar SFP transceivers provide a unique enhanced digital diagnostic
monitoring interface, which allows real-time access to device operating parameters such
as transceiver temperature, laser bias current, transmitted optical power, received optical
power and transceiver supply voltage. It also defines a sophisticated system of alarm and
warning flags, which alerts end-users when particular operating parameters are outside of
a factory set normal range.
The SFP MSA defines a 256-byte memory map in E
2PROM that is accessible over a
2-wire serial interface at the 8 bit address 1010000X (A0h). The digital diagnostic
monitoring interface makes use of the 8 bit address 1010001X (A2h), so the originally
defined serial ID memory map remains unchanged. The interface is identical to, and is
thus fully backward compatible with both the GBIC Specification and the SFP Multi
Source Agreement. The complete interface is described in Finisar Application Note AN-
2030: “Digital Diagnostics Monitoring Interface for SFP Optical Transceivers”.


Similar Part No. - FWLF15197D

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
FWLF15197D49 FINISAR-FWLF15197D49 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
FWLF15197D51 FINISAR-FWLF15197D51 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
FWLF15197D53 FINISAR-FWLF15197D53 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
FWLF15197D55 FINISAR-FWLF15197D55 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
More results

Similar Description - FWLF15197D

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWDM-1519-7D-47 FINISAR-FWDM-1519-7D-47 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N47 FINISAR-FWLF1521P2N47 Datasheet
500Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com