Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF1634RLXX Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FWLF1634RLXX
Description  Long-Reach DWDM SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1634RLXX Datasheet(HTML) 2 Page - Finisar Corporation.

  FWLF1634RLXX Datasheet HTML 1Page - Finisar Corporation. FWLF1634RLXX Datasheet HTML 2Page - Finisar Corporation. FWLF1634RLXX Datasheet HTML 3Page - Finisar Corporation. FWLF1634RLXX Datasheet HTML 4Page - Finisar Corporation. FWLF1634RLXX Datasheet HTML 5Page - Finisar Corporation. FWLF1634RLXX Datasheet HTML 6Page - Finisar Corporation. FWLF1634RLXX Datasheet HTML 7Page - Finisar Corporation. FWLF1634RLXX Datasheet HTML 8Page - Finisar Corporation. FWLF1634RLXX Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
F i n i s a r
Finisar Corporation
Page 2
Rev D1, Aug.2010
PRODUCT SELECTION
FWLF1634Ryxx
y
L
Non Rate Selectable - 4x Fibre Channel
xx
DWDM Wavelength (see table below)
Product Code
Frequency (THz)
Center Wavelength (nm)
FWLF1634RL17
191.7
1563.86
FWLF1634RL18
191.8
1563.05
FWLF1634RL19
191.9
1562.23
FWLF1634RL20
192.0
1561.42
FWLF1634RL21
192.1
1560.61
FWLF1634RL22
192.2
1559.79
FWLF1634RL23
192.3
1558.98
FWLF1634RL24
192.4
1558.17
FWLF1634RL25
192.5
1557.36
FWLF1634RL26
192.6
1556.55
FWLF1634RL27
192.7
1555.75
FWLF1634RL28
192.8
1554.94
FWLF1634RL29
192.9
1554.13
FWLF1634RL30
193.0
1553.33
FWLF1634RL31
193.1
1552.52
FWLF1634RL32
193.2
1551.72
FWLF1634RL33
193.3
1550.92
FWLF1634RL34
193.4
1550.12
FWLF1634RL35
193.5
1549.32
FWLF1634RL36
193.6
1548.51
FWLF1634RL37
193.7
1547.72
FWLF1634RL38
193.8
1546.92
FWLF1634RL39
193.9
1546.12
FWLF1634RL40
194.0
1545.32
FWLF1634RL41
194.1
1544.53
FWLF1634RL42
194.2
1543.73
FWLF1634RL43
194.3
1542.94
FWLF1634RL44
194.4
1542.14
FWLF1634RL45
194.5
1541.35
FWLF1634RL46
194.6
1540.56
FWLF1634RL47
194.7
1539.77
FWLF1634RL48
194.8
1538.98
FWLF1634RL49
194.9
1538.19
FWLF1634RL50
195.0
1537.40
FWLF1634RL51
195.1
1536.61
FWLF1634RL52
195.2
1535.82
FWLF1634RL53
195.3
1535.04
FWLF1634RL54
195.4
1534.25
FWLF1634RL55
195.5
1533.47
FWLF1634RL56
195.6
1532.68
FWLF1634RL57
195.7
1531.90
FWLF1634RL58
195.8
1531.12
FWLF1634RL59
195.9
1530.33
FWLF1634RL60
196.0
1529.55
FWLF1634RL61
196.1
1528.77


Similar Part No. - FWLF1634RLXX

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FWLF1634RLXX FRONTIER-FWLF1634RLXX Datasheet
1Mb / 5P
   Product Guide
More results

Similar Description - FWLF1634RLXX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL17 FINISAR-FWLF1634RL17 Datasheet
203Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com