Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX6811MCC-XX Datasheet(PDF) 8 Page - Finisar Corporation.

Part # FTLX6811MCC-XX
Description  1600 ps/nm (80km) Tunable XFP Optical Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX6811MCC-XX Datasheet(HTML) 8 Page - Finisar Corporation.

Back Button FTLX6811MCC-XX Datasheet HTML 4Page - Finisar Corporation. FTLX6811MCC-XX Datasheet HTML 5Page - Finisar Corporation. FTLX6811MCC-XX Datasheet HTML 6Page - Finisar Corporation. FTLX6811MCC-XX Datasheet HTML 7Page - Finisar Corporation. FTLX6811MCC-XX Datasheet HTML 8Page - Finisar Corporation. FTLX6811MCC-XX Datasheet HTML 9Page - Finisar Corporation. FTLX6811MCC-XX Datasheet HTML 10Page - Finisar Corporation. FTLX6811MCC-XX Datasheet HTML 11Page - Finisar Corporation. FTLX6811MCC-XX Datasheet HTML 12Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
FTLX6811MCC and FTLX6814MCC T-XFP Product Specification – July 2011
F i n i s a r
© Finisar Corporation 2011
1117598 Rev A03
Page 8
VIII. Digital Diagnostics Functions
As defined by the XFP MSA1, Finisar XFP transceivers provide digital diagnostic
functions via a 2-wire serial interface, which allows real-time access to the following
operating parameters:
• Transceiver temperature
• Laser bias current
• Transmitted optical power
• Received optical power
• Transceiver supply voltage
• TEC Temperature
It also provides a sophisticated system of alarm and warning flags, which may be used to
alert end-users when particular operating parameters are outside of a factory-set normal
range.
The operating and diagnostics information is monitored and reported by a Digital
Diagnostics Transceiver Controller (DDTC) inside the transceiver, which is accessed
through the 2-wire serial interface. When the serial protocol is activated, the serial clock
signal (SCL pin) is generated by the host. The positive edge clocks data into the XFP
transceiver into those segments of its memory map that are not write-protected. The
negative edge clocks data from the XFP transceiver. The serial data signal (SDA pin) is
bi-directional for serial data transfer. The host uses SDA in conjunction with SCL to
mark the start and end of serial protocol activation. The memories are organized as a
series of 8-bit data words that can be addressed individually or sequentially. The 2-wire
serial interface provides sequential or random access to the 8 bit parameters, addressed
from 000h to the maximum address of the memory.
For more detailed information, including memory map definitions, please see the XFP
MSA documentation1.
Receiver Threshold Adjustment
The FTLX6811MCC and FTLX6814MCC also provide access to receiver decision
threshold adjustment via 2-wire serial interface, in order to improve receiver OSNR
performance based on specific link conditions. It is implemented as follows:
• Rx Threshold of XFP transceivers will be factory-set for optimized performance
in non-FEC applications. This will be the default value during both cold start
(power-up) and warm start (module reset).
• The transceiver supports adjustment of Rx Threshold value by the host through
register 76d, table 01h. This is intended to be used in FEC applications.


Similar Part No. - FTLX6811MCC-XX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6811MCC-XX FINISAR-FTLX6811MCC-XX Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
More results

Similar Description - FTLX6811MCC-XX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6811MCC FINISAR-FTLX6811MCC Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
FTLX6824MCC FINISAR-FTLX6824MCC Datasheet
416Kb / 18P
   1600 ps/nm (80km) Gen2 Tunable XFP Optical Transceiver
FTLX6824MNC FINISAR-FTLX6824MNC Datasheet
414Kb / 17P
   1600 ps/nm (80km) E-temp Tunable XFP Optical Transceiver
FTLX6825MCC FINISAR-FTLX6825MCC Datasheet
414Kb / 17P
   1600 ps/nm (80km) High Optical Output Power Tunable XFP Optical Transceiver
FTLX6614MCC FINISAR-FTLX6614MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX6611MCC FINISAR-FTLX6611MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX6624MCC-XX FINISAR-FTLX6624MCC-XX Datasheet
435Kb / 17P
   /-800 ps/nm (40km) Gen2 Tunable XFP Optical Transceiver
FTLX4213X3XXXX FINISAR-FTLX4213X3XXXX Datasheet
622Kb / 14P
   3200 ps/nm (~200km) DWDM XFP Optical Transceiver
FTLX4213M3BCL FINISAR-FTLX4213M3BCL Datasheet
564Kb / 11P
   2400 ps/nm (~120km) TDM XFP Optical Transceiver
logo
Optoway Technology Inc
XPS-2380MWG OPTOWAY-XPS-2380MWG_09 Datasheet
242Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com