Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG642DJ-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG642DJ-E3
Description  Low On-Resistance Wideband/Video Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG642DJ-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG642DJ-E3 Datasheet HTML 1Page - Vishay Siliconix DG642DJ-E3 Datasheet HTML 2Page - Vishay Siliconix DG642DJ-E3 Datasheet HTML 3Page - Vishay Siliconix DG642DJ-E3 Datasheet HTML 4Page - Vishay Siliconix DG642DJ-E3 Datasheet HTML 5Page - Vishay Siliconix DG642DJ-E3 Datasheet HTML 6Page - Vishay Siliconix DG642DJ-E3 Datasheet HTML 7Page - Vishay Siliconix DG642DJ-E3 Datasheet HTML 8Page - Vishay Siliconix DG642DJ-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Vishay Siliconix
DG641, DG642, DG643
Document Number: 70058
S11-0154-Rev. F, 31-Jan-11
www.vishay.com
1
Low On-Resistance Wideband/Video Switches
FEATURES
Wide bandwidth: 500 MHz
Low crosstalk at 5 MHz: - 85 dB
•Low RDS(on): 5 , DG642
TTL logic compatible
Fast switching: tON 50 ns
Single supply compatibility
High current: 100 mA, DG642
BENEFITS
High precision
Improved frequency response
Low insertion loss
Improved system performance
Reduced board space
Low power consumption
APPLICATIONS
RF and video switching
RGB switching
Video routing
Cellular communications
•ATE
Radar/FLIR systems
Satellite receivers
Programmable filters
DESCRIPTION
The
DG641,
DG642,
DG643
are
high
performance
monolithic video switches designed for switching wide
bandwidth analog and digital signals. DG641 is a quad
SPST, DG642 is a single SPDT, and DG643 is a dual SPDT
function.
These
devices
have
exceptionally
low
on-resistances (5
typ-DG642), low capacitance and high
current handling capability.
To achieve TTL compatibility, low channel capacitances and
fast switching times, the DG641, DG642, DG643 are built on
the Vishay Siliconix proprietary D/CMOS process. Each
switch conducts equally well in both directions when on, and
blocks up to 14 Vp-p when off. An epitaxial layer prevents
latchup.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic “0”
0.8 V
Logic “1”
 2.4 V
Logic “0”
0.8 V
Logic “1”
 2.4 V
Logic “0”
0.8 V
Logic “1”
2.4 V
TRUTH TABLE (DG641)
Logic
Switch
0
OFF
1ON
DG641
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
GND
S4
S3
D4
D3
IN4
IN3
Dual-In-Line and SOIC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
TRUTH TABLE (DG642)
Logic
SW1
SW2
0
OFF
ON
1ON
OFF
DG642
D2
GND
Dual-In-Line and SOIC
S2
S1
IN
D1
V+
V
-
1
2
3
4
8
7
6
5
Top View
TRUTH TABLE (DG643)
Logic
SW1, SW2
SW3, SW4
0
OFF
ON
1ON
OFF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
GND
GND
S1
S2
V
-
V+
S4
S3
GND
GND
D4
D3
Dual-In-Line and SOIC
DG643


Similar Part No. - DG642DJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG642DJ VISHAY-DG642DJ Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG642DJ VISHAY-DG642DJ Datasheet
321Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG642DJ VISHAY-DG642DJ Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
More results

Similar Description - DG642DJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG641 VISHAY-DG641_11 Datasheet
321Kb / 18P
   Low On-Resistance Wideband/Video Switches
Rev. F, 31-Jan-11
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
   Low On-Resistance Wideband/Video Switches
Rev. E, 06-Sep-99
DG641 VISHAY-DG641_V01 Datasheet
260Kb / 17P
   Low On-Resistance Wideband/Video Switches
08-Feb-17
logo
Integrated Device Techn...
IDTVS330 IDT-IDTVS330 Datasheet
168Kb / 10P
   LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
logo
Pericom Semiconductor C...
PI5V332 PERICOM-PI5V332 Datasheet
405Kb / 7P
   Low On-Resistance Wideband/Video Quad with Individual Control
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
   Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com