Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4520 Datasheet(PDF) 8 Page - Intersil Corporation

Part # CD4520
Description  CMOS Dual Up Counters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4520 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CD4520 Datasheet HTML 2Page - Intersil Corporation CD4520 Datasheet HTML 3Page - Intersil Corporation CD4520 Datasheet HTML 4Page - Intersil Corporation CD4520 Datasheet HTML 5Page - Intersil Corporation CD4520 Datasheet HTML 6Page - Intersil Corporation CD4520 Datasheet HTML 7Page - Intersil Corporation CD4520 Datasheet HTML 8Page - Intersil Corporation CD4520 Datasheet HTML 9Page - Intersil Corporation CD4520 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
7-1213
CD4518BMS, CD4520BMS
FIGURE 9. TYPICAL TRANSITION TIME vs LOAD CAPACITANCE
FIGURE 10. TYPICAL MAXIMUM CLOCK FREQUENCY vs
SUPPLY VOLTAGE
FIGURE 11. TYPICAL POWER DISSIPATION CHARACTERISTICS
Timing Diagrams
FIGURE 12. TIMING DIAGRAMS FOR CD4518BMS AND CD4520BMS
Typical Performance Curves
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
40
60
80
100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
15
10
5
0
5
10
15
20
SUPPLY VOLTAGE (VDD) (V)
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) = 50PF
FREQUENCY (f) (kHz)
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 15V
5V
10V
10V
1
8
6
4
2
10
8
6
4
2
0.1
1
8
6
4
2
10
8
6
4
2
102
8
6
4
2
103
8
6
4
2
104
8
6
4
2
102
8
6
4
2
103
8
6
4
2
104
CL = 15pF
CL = 50pF
0
123456789
CLOCK
ENABLE
Q1
Q2
Q3
Q4
RESET
10 11 12 13 14 15 16 17 18
123456789
1
23456789
0
123456789
10 11 12 13 14 15
0
1234
Q1
Q2
Q3
Q4
CD4518BMS
CD4520BMS


Similar Part No. - CD4520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4520 TI-CD4520 Datasheet
248Kb / 13P
[Old version datasheet]   CMOS DUAL UP-COUNTERS
logo
List of Unclassifed Man...
CD4520 ETC2-CD4520 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD4520B TI-CD4520B Datasheet
248Kb / 13P
[Old version datasheet]   CMOS DUAL UP-COUNTERS
CD4520B TI-CD4520B Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Up-Counters
CD4520B TI1-CD4520B Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Up-Counters
More results

Similar Description - CD4520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4518B TI1-CD4518B_16 Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Up-Counters
logo
List of Unclassifed Man...
SCL4520B ETC1-SCL4520B Datasheet
198Kb / 3P
   CMOS DUAL UP COUNTERS
logo
Texas Instruments
CD4520BPWG4 TI-CD4520BPWG4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Up-Counters
CD4518B TI-CD4518B Datasheet
248Kb / 13P
[Old version datasheet]   CMOS DUAL UP-COUNTERS
logo
Micro Electronics
MMC4518 MICRO-ELECTRONICS-MMC4518 Datasheet
204Kb / 6P
   DUAL UP-COUNTERS
logo
Motorola, Inc
MC14518-520B MOTOROLA-MC14518-520B Datasheet
203Kb / 7P
   DUAL UP COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B Datasheet
174Kb / 8P
   Dual Up Counters
March, 2000 ??Rev. 3
MC14518B ONSEMI-MC14518B_06 Datasheet
112Kb / 9P
   Dual Up Counters
January, 2006 ??Rev. 5
logo
STMicroelectronics
HCC4518B STMICROELECTRONICS-HCC4518B Datasheet
315Kb / 14P
   DUAL UP-COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B_14 Datasheet
107Kb / 7P
   Dual Up Counters
July, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com