Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TI160808Z500 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # TI160808Z500
Description  SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

TI160808Z500 Datasheet(HTML) 1 Page - Frontier Electronics.

  TI160808Z500 Datasheet HTML 1Page - Frontier Electronics. TI160808Z500 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TI160808 (0603) Series
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
Rev. A
A. Electrical Specifications:
P/N
Impedance (
Ω) ±25% @100MHz
DCR Max.(
Ω)
I rms. Max. (A)
TI160808B050
5
0.100
1.0
TI160808B300
30
0.150
1.0
TI160808B101
100
0.200
1.0
TI160808G100
10
0.060
2.0
TI160808G600
60
0.100
2.0
TI160808G101
100
0.100
2.0
TI160808G301
300
0.200
2.0
TI160808G601
600
0.300
1.0
TI160808U100
10
0.010
5.0
TI160808U110
11
0.030
4.0
TI160808U190
19
0.030
3.0
TI160808U200
20
0.030
3.0
TI160808U220
22
0.030
3.0
TI160808U250
25
0.030
3.0
TI160808U270
27
0.030
4.0
TI160808U280
28
0.030
4.0
TI160808U300
30
0.030
4.0
TI160808U400
40
0.050
3.0
TI160808U470
47
0.050
3.0
TI160808U600
60
0.060
3.0
TI160808U680
68
0.060
3.0
TI160808U800
80
0.060
3.0
TI160808U101
100
0.080
2.5
TI160808U121
120
0.080
2.5
TI160808U151
150
0.080
2.5
TI160808U181
180
0.120
2.0
TI160808U221
220
0.150
2.0
TI160808U301
300
0.150
2.0
TI160808U471
470
0.200
1.0
TI160808U601
600
0.200
1.0
TI160808Z220
22
0.030
3.0
TI160808Z300
30
0.030
3.0
TI160808Z500
50
0.060
3.0
TI160808Z800
80
0.060
2.5
TI160808Z121
120
0.080
2.5
TI160808Z151
150
0.080
2.5
TI160808Z221
220
0.150
2.0
TI160808Z301
300
0.150
2.0
TI160808Z471
470
0.200
1.0
TI160808Z601
600
0.200
1.0
Note: TI160808yxxx, “TI” = Type, “16” = Length, “08” = Width, “08” = Thickness, “y” = Material, “xxx” = Impedance.
B. Part Number Key:
C. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
TI160808(0603)
1.6
( 0.063)
0.8
(0.031)
0.8
(0.031)
0.5
(0.020)
2.80
(0.110)
1.00
(0.039)
0.60
(0.024)
Tol.
± 0.2
(0.008 )
± 0.2
(0.008 )
± 0.1
(0.004 )
± 0.3
(0.012 )
Typ.
Typ.
Typ.
TI
16
08
08
Y
XXX
IMPEDANCE VALUE
MATERIAL CODE: L, U, Z, B or G
DIMENSIONS:
LENGTH (a) x WIDTH (b) x THICKNESS (c)
FAMILY: TI
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - TI160808Z500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TI165F11 ETC2-TI165F11 Datasheet
553Kb / 13P
   915MHz 5dBi Outdoors Omni-Directional Rigid Whip Antenna
More results

Similar Description - TI160808Z500

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
TI201209 FRONTIER-TI201209 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI321611 FRONTIER-TI321611 Datasheet
127Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI451616 FRONTIER-TI451616 Datasheet
120Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI100505 FRONTIER-TI100505 Datasheet
121Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
logo
List of Unclassifed Man...
PMH1206-601 ETC2-PMH1206-601 Datasheet
37Kb / 1P
   Multilayer High-Current Ferrite Chip Beads
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB201209 FRONTIER-FB201209 Datasheet
130Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB160808 FRONTIER-FB160808 Datasheet
137Kb / 3P
   SMD MULTILAYER FERRITE CHIP BEADS
FB321611 FRONTIER-FB321611 Datasheet
129Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com