Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCHMB400E6 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # PCHMB400E6
Description  400A, 600V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PCHMB400E6 Datasheet(HTML) 3 Page - National Instruments Corporation

  PCHMB400E6_15 Datasheet HTML 1Page - National Instruments Corporation PCHMB400E6_15 Datasheet HTML 2Page - National Instruments Corporation PCHMB400E6_15 Datasheet HTML 3Page - National Instruments Corporation PCHMB400E6_15 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
00
日本インター株式会社
PCHMB400E6
0
100
200
300
400
500
600
0
0.2
0.4
0.6
0.8
1
Collector Current IC (A)
Fig.7- Collector Current vs. Switching Time (Typical)
tOFF
tf
tr(V
CE)
tON
VCC=300V
RG=3.0
VGE=±15V
TC=25°C
Resistive Load
1
3
10
30
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG ( )
Fig.8- Series Gate Impedance vs. Switching Time (Typical)
VCC=300V
IC=400A
VGE=±15V
TC=25°C
Resistive Load
tf
tr(V
CE)
ton
toff
1
3
10
30
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG ( )
Fig.10- Series Gate Impedance vs. Switching Time
VCC=300V
IC=400A
VGE=±15V
TC=125°C
Inductive Load
tf
tr(I
C)
ton
toff
0
100
200
300
400
500
600
0
10
20
30
40
Collector Current IC (A)
Fig.11- Collector Current vs. Switching Loss
EOFF
EON
VCC=300V
RG=3.0
VGE=±15V
TC=125°C
Inductive Load
ERR
1
3
10
30
1
3
10
30
100
300
1000
Series Gate Impedance RG ( )
Fig.12- Series Gate Impedance vs. Switching Loss
EOFF
EON
VCC=300V
IC=400A
VGE=±15V
TC=125°C
Inductive Load
ERR
0
100
200
300
400
500
600
0.001
0.01
0.1
1
10
Collector Current IC (A)
Fig.9- Collector Current vs. Switching Time
tOFF
tf
tr(Ic)
tON
VCC=300V
RG=3.0
VGE=±15V
TC=125°C
Inductive Load


Similar Part No. - PCHMB400E6_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB400E6 NIEC-PCHMB400E6 Datasheet
254Kb / 4P
   IGBT Module-Chopper
More results

Similar Description - PCHMB400E6_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PRHMB400A6 NIEC-PRHMB400A6_1 Datasheet
127Kb / 3P
   400A 600V
PCHMB400A6 NIEC-PCHMB400A6_1 Datasheet
126Kb / 3P
   400A, 600V
PCHMB400A6A NIEC-PCHMB400A6A_1 Datasheet
127Kb / 3P
   400A, 600V
PRHMB400A6A NIEC-PRHMB400A6A_1 Datasheet
138Kb / 3P
   400A 600V
logo
Fuji Electric
2MBI400N-060-01 FUJI-2MBI400N-060-01 Datasheet
249Kb / 4P
   IGBT(600V / 400A)
2MBI400L-060 FUJI-2MBI400L-060 Datasheet
218Kb / 4P
   IGBT(600V 400A)
2MBI400N-060 FUJI-2MBI400N-060 Datasheet
156Kb / 4P
   IGBT(600V,400A)
logo
MacMic
MMF400S060DK2B MACMIC-MMF400S060DK2B Datasheet
225Kb / 3P
   600V 400A FRED Module
MMG400Q060B6EN MACMIC-MMG400Q060B6EN Datasheet
265Kb / 5P
   600V 400A IGBT Module
MMG400D060B6TC MACMIC-MMG400D060B6TC Datasheet
1Mb / 6P
   600V 400A IGBT Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com