Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4098 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4098
Description  CMOS Dual Monostable Multivibrator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4098 Datasheet(HTML) 1 Page - Intersil Corporation

  CD4098 Datasheet HTML 1Page - Intersil Corporation CD4098 Datasheet HTML 2Page - Intersil Corporation CD4098 Datasheet HTML 3Page - Intersil Corporation CD4098 Datasheet HTML 4Page - Intersil Corporation CD4098 Datasheet HTML 5Page - Intersil Corporation CD4098 Datasheet HTML 6Page - Intersil Corporation CD4098 Datasheet HTML 7Page - Intersil Corporation CD4098 Datasheet HTML 8Page - Intersil Corporation CD4098 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
7-482
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4098BMS
CMOS Dual Monostable Multivibrator
Description
CD4098BMS dual monostable multivibrator provides stable
retriggerable/resettable one shot operation for any fixed volt-
age timing application.
An external resistor (RX) and an external capacitor (CX)
control the timing for the circuit. Adjustment of RX and CX
provides a wide range of output pulse widths from the Q and
Q terminals. The time delay from trigger input to output
transition (trigger propagation delay) and the time delay from
reset input to output transition (reset propagation delay) are
independent of RX and CX.
Leading edge triggering (+TR) and trailing edge triggering
(-TR) inputs are provided for triggering from either edge of
an input pulse. An unused +TR input should be tied to VSS.
An unused -TR input should be tied to VDD. A RESET (on
low level) is provided for immediate termination of the output
pulse or to prevent output pulses when power is turned on.
An unused RESET input should be tied to VDD. However, if
an entire section of the CD4098BMS is not used, its RESET
should be tied to VSS. See Table 9.
In normal operation the circuit triggers (extends the output
pulse one period) on the application of each new trigger
pulse. For operation in the non-retriggerable mode, Q is
connected to -TR when leading edge triggering (+TR) is
used or Q is connected to +TR when trailing edge triggering
(-TR) is used.
The
time
period
(T)
for
this
multivibrator
can
be
approximated by: TX = 1/2RXCX for CX 3 0.01µF. Time
periods as a function of RX for values of CX and VDD are
given in Figure 8. Values of T vary from unit to unit and as a
function of voltage, temperature, and RXCX.
The minimum value of external resistance, RX, is 5k
Ω. The
maximum value of external capacitance, CX, is 100
µF.
Figure 9 shows time periods as a function of CX for values of
RX and VDD.
The output pulse width has variations of
±2.5% typically, over
the temperature range of -55oC to +125oC for CX = 1000pF
and RX = 100k
Ω.
For power supply variations of
±5%, the output pulse width
has variations of
±0.5% typically, for VDD = 10V and 15V
and
±1% typically, for VDD = 5V at CX = 1000pF and
RX = 5k
Ω.
The CD4098BMS is supplied in these 16-lead outline packages:
Braze Seal DIP
H4T
Frit Seal DIP
H1F
Ceramic Flatpack
H6W
Features
• High Voltage Type (20V Rating)
• Retriggerable/Resettable Capability
• Trigger and Reset Propagation Delays Independent of
RX, CX
• Triggering from Leading or Trailing Edge
• Q and Q Buffered Outputs Available
• Separate Resets
• Wide Range of Output Pulse Widths
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Standardized Symmetrical Output Characteristics
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Pulse Delay and Timing
• Pulse Shaping
Astable Multivibrator
Pinout
CD4098BMS
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CX1
RXCX (1)
RESET (1)
+TR (1)
-TR (1)
Q1
VSS
Q1
VDD
RXCX (2)
RESET (2)
+TR (2)
-TR (2)
Q2
Q2
CX2
TERMINALS 1, 8, 15 ARE ELECTRICALLY
CONNECTED INTERNALLY
December 1992
File Number
3332


Similar Part No. - CD4098

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4098 TI-CD4098 Datasheet
274Kb / 11P
[Old version datasheet]   CMOS DUAL MONASTABLE MULTIVIBRATOR
CD4098B TI-CD4098B Datasheet
274Kb / 11P
[Old version datasheet]   CMOS DUAL MONASTABLE MULTIVIBRATOR
CD4098B TI1-CD4098B Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
CD4098B-MIL TI1-CD4098B-MIL Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
CD4098BE TI-CD4098BE Datasheet
274Kb / 11P
[Old version datasheet]   CMOS DUAL MONASTABLE MULTIVIBRATOR
More results

Similar Description - CD4098

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD4098BMS RENESAS-CD4098BMS Datasheet
410Kb / 11P
   CMOS Dual Monostable Multivibrator
December 1992
logo
Texas Instruments
CD4098B TI1-CD4098B_15 Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
logo
Renesas Technology Corp
CD14538BMS RENESAS-CD14538BMS Datasheet
577Kb / 10P
   CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538B TI1-CD14538B Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
CD14538BM96G4 TI1-CD14538BM96G4 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
logo
Intersil Corporation
CD14538BMS INTERSIL-CD14538BMS Datasheet
76Kb / 9P
   CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538 TI-CD14538 Datasheet
638Kb / 14P
[Old version datasheet]   CMOS DUAL PRECISION MONOSTABLE MULTIVIBRATOR
CD14538B TI-CD14538B Datasheet
341Kb / 8P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com