Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA828TF-T1 Datasheet(PDF) 1 Page - NEC

Part # UPA828TF-T1
Description  HIGH-FREQUENCY LOW-NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5184 THIN-TYPE SMALL MINI MOLD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA828TF-T1 Datasheet(HTML) 1 Page - NEC

  UPA828TF-T1 Datasheet HTML 1Page - NEC UPA828TF-T1 Datasheet HTML 2Page - NEC UPA828TF-T1 Datasheet HTML 3Page - NEC UPA828TF-T1 Datasheet HTML 4Page - NEC UPA828TF-T1 Datasheet HTML 5Page - NEC UPA828TF-T1 Datasheet HTML 6Page - NEC UPA828TF-T1 Datasheet HTML 7Page - NEC UPA828TF-T1 Datasheet HTML 8Page - NEC UPA828TF-T1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
The information in this document is subject to change without notice.
SILICON TRANSISTOR
PPPPPA828TF
HIGH-FREQUENCY LOW-NOISE AMPLIFIER
NPN SILICON EPITAXIAL TWIN TRANSISTOR
(WITH BUILT-IN 6-PIN 2
uuuu 2SC5184) THIN-TYPE SMALL MINI MOLD
1997
©
Document No. P12693EJ1V0DS00 (1st edition)
Date Published July 1997 N
Printed in Japan
PRELIMINARY DATA SHEET
PIN CONFIGURATION (Top View)
FEATURES
Low noise
NF = 1.3 dB TYP. @ VCE = 2 V, IC = 3 mA, f = 2 GHz
NF = 1.3 dB TYP. @ VCE = 1 V, IC = 3 mA, f = 2 GHz
6-pin thin-type small mini mold package adopted
Built-in 2 transistors (2
u 2SC5184)
ORDERING INFORMATION
Part Number
Quantity
Packing Style
PPA828TF
Loose products
(50 pcs)
PPA828TF-T1
Taping products
(3 kpcs/reel)
Remark If you require an evaluation sample, please contact
an NEC Sales Representative (Unit sample quantity
is 50 pcs).
ABSOLUTE MAXIMUM RATINGS (TA = 25
qqqqC)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
5V
Collector to Emitter Voltage
VCEO
3V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
30
mA
Total Power Dissipation
PT
90 in 1 element
180 in 2 elements
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
ð65 to +150
°C
Caution is required concerning excess input, such as from static electricity, due to the high-precision
fabrication processes used for this device.
Embossed tape 8 mm wide.
Pin 6 (Q1 Base), Pin 5 (Q2
Emitter), Pin 4 (Q2 Base) face to
perforation side of the tape.
PACKAGE DRAWINGS (Unit: mm)
B1
Q1
Q2
6
5
4
3
2
1
E2
B2
C1
E1
C2
PIN CONNECTIONS
1. Collector (Q1)
2. Emitter
(Q1)
3. Collector (Q2)
4. Base
(Q2)
5. Emitter (Q2)
6. Base
(Q1)
2.10±0.1
1.25±0.1


Similar Part No. - UPA828TF-T1

ManufacturerPart #DatasheetDescription
logo
NEC
UPA828TF-T1 NEC-UPA828TF-T1 Datasheet
46Kb / 7P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results

Similar Description - UPA828TF-T1

ManufacturerPart #DatasheetDescription
logo
NEC
UPA812T NEC-UPA812T Datasheet
50Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD
UPA811T NEC-UPA811T Datasheet
49Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4228 SMALL MINI MOLD
UPA802T NEC-UPA802T Datasheet
53Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA800T NEC-UPA800T Datasheet
51Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA813T NEC-UPA813T Datasheet
53Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4570 SMALL MINI MOLD
UPA806T NEC-UPA806T Datasheet
49Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA809T NEC-UPA809T Datasheet
66Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPC805T NEC-UPC805T Datasheet
57Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA833TF NEC-UPA833TF Datasheet
74Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
UPA832TF NEC-UPA832TF Datasheet
65Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com