Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK14X7R2A153K Datasheet(PDF) 9 Page - TDK Electronics

Part # FK14X7R2A153K
Description  MLCC with Dipped Radial Lead
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FK14X7R2A153K Datasheet(HTML) 9 Page - TDK Electronics

Back Button FK14X7R2A153K Datasheet HTML 3Page - TDK Electronics FK14X7R2A153K Datasheet HTML 4Page - TDK Electronics FK14X7R2A153K Datasheet HTML 5Page - TDK Electronics FK14X7R2A153K Datasheet HTML 6Page - TDK Electronics FK14X7R2A153K Datasheet HTML 7Page - TDK Electronics FK14X7R2A153K Datasheet HTML 8Page - TDK Electronics FK14X7R2A153K Datasheet HTML 9Page - TDK Electronics FK14X7R2A153K Datasheet HTML 10Page - TDK Electronics FK14X7R2A153K Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
(8/10)
003-01 / 20130312 / leadmlcc_commercial_midvoltage_en.fm
• All specifications are subject to change without notice.
FK26 AND FK16 TYPES
SHAPES AND DIMENSIONS
RATED VOLTAGE Edc: 100 to 630V
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc(V)
Part No.
FK26 type
FK16 type
X7R
33000pF
±10%
100
FK26X7R2A333K
FK16X7R2A333K
X7R
47000pF
±10%
100
FK26X7R2A473K
FK16X7R2A473K
X7R
68000pF
±10%
100
FK26X7R2A683K
FK16X7R2A683K
X7R
0.1µF
±10%
100
FK26X7R2A104K
FK16X7R2A104K
X7R
0.15µF
±10%
100
FK26X7R2A154K
FK16X7R2A154K
X7R
0.22µF
±10%
100
FK26X7R2A224K
FK16X7R2A224K
X7R
0.33µF
±10%
100
FK26X7R2A334K
FK16X7R2A334K
X7R
0.47µF
±10%
100
FK26X7R2A474K
FK16X7R2A474K
X7R
0.68µF
±10%
100
FK26X7R2A684K
FK16X7R2A684K
X7R
1µF
±10%
100
FK26X7R2A105K
FK16X7R2A105K
X7S
1.5µF
±10%
100
FK26X7S2A155K
FK16X7S2A155K
X7S
2.2µF
±10%
100
FK26X7S2A225K
FK16X7S2A225K
X7R
15000pF
±10%
250
FK26X7R2E153K
X7R
22000pF
±10%
250
FK26X7R2E223K
X7R
33000pF
±10%
250
FK26X7R2E333K
X7R
47000pF
±10%
250
FK26X7R2E473K
X7R
68000pF
±10%
250
FK26X7R2E683K
X7R
0.1µF
±10%
250
FK26X7R2E104K
X7R
1000pF
±10%
630
FK26X7R2J102K
X7R
1500pF
±10%
630
FK26X7R2J152K
X7R
2200pF
±10%
630
FK26X7R2J222K
X7R
3300pF
±10%
630
FK26X7R2J332K
X7R
4700pF
±10%
630
FK26X7R2J472K
X7R
6800pF
±10%
630
FK26X7R2J682K
X7R
10000pF
±10%
630
FK26X7R2J103K
X7R
15000pF
±10%
630
FK26X7R2J153K
X7R
22000pF
±10%
630
FK26X7R2J223K
X7R
33000pF
±10%
630
FK26X7R2J333K
5.5max.
5.5max.
5.0
±1.0
3.5max.
3.5max.
Dimensions in mm
FK26
FK16
2.5
±0.8
ø0.5
+0.1
–0.03
ø0.5
+0.1
–0.03


Similar Part No. - FK14X7R2A153K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK14X7R2A153K TDK-FK14X7R2A153K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK14X7R2A153K TDK-FK14X7R2A153K Datasheet
206Kb / 22P
   Capacitor with Multi-layer Lead
More results

Similar Description - FK14X7R2A153K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FA14C0G1H223JNU00 TDK-FA14C0G1H223JNU00 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA14C0G2A153JRU00 TDK-FA14C0G2A153JRU00 Datasheet
134Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H225KRU00 TDK-FA14X7R1H225KRU00 Datasheet
142Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H334KNU06 TDK-FA14X7R1H334KNU06 Datasheet
146Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7S2A154KRU00 TDK-FA14X7S2A154KRU00 Datasheet
145Kb / 2P
   MLCC with Dipped Radial Lead
FA16C0G1H683JNU06 TDK-FA16C0G1H683JNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A1R5CNU06 TDK-FA18C0G2A1R5CNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A6R8DNU06 TDK-FA18C0G2A6R8DNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A122JNU06 TDK-FA18C0G2A122JNU06 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A181JNU00 TDK-FA18C0G2A181JNU00 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A221JNU00 TDK-FA18C0G2A221JNU00 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com