Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX3811M3XX Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FTLX3811M3XX
Description  RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3811M3XX Datasheet(HTML) 2 Page - Finisar Corporation.

  FTLX3811M3XX Datasheet HTML 1Page - Finisar Corporation. FTLX3811M3XX Datasheet HTML 2Page - Finisar Corporation. FTLX3811M3XX Datasheet HTML 3Page - Finisar Corporation. FTLX3811M3XX Datasheet HTML 4Page - Finisar Corporation. FTLX3811M3XX Datasheet HTML 5Page - Finisar Corporation. FTLX3811M3XX Datasheet HTML 6Page - Finisar Corporation. FTLX3811M3XX Datasheet HTML 7Page - Finisar Corporation. FTLX3811M3XX Datasheet HTML 8Page - Finisar Corporation. FTLX3811M3XX Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FTLX3811M3xx DWDM XFP Product Specification – January 2011
F i n i s a r
© Finisar Corporation 11-January-2011
Rev C1
Page 2
Channel #
Product Code
Frequency (THz)
Center Wavelength (nm)
17*
FTLX3811M317
191.7
1563.86
18*
FTLX3811M318
191.8
1563.05
19*
FTLX3811M319
191.9
1562.23
20
FTLX3811M320
192.0
1561.42
21
FTLX3811M321
192.1
1560.61
22
FTLX3811M322
192.2
1559.79
23
FTLX3811M323
192.3
1558.98
24
FTLX3811M324
192.4
1558.17
25
FTLX3811M325
192.5
1557.36
26
FTLX3811M326
192.6
1556.55
27
FTLX3811M327
192.7
1555.75
28
FTLX3811M328
192.8
1554.94
29
FTLX3811M329
192.9
1554.13
30
FTLX3811M330
193.0
1553.33
31
FTLX3811M331
193.1
1552.52
32
FTLX3811M332
193.2
1551.72
33
FTLX3811M333
193.3
1550.92
34
FTLX3811M334
193.4
1550.12
35
FTLX3811M335
193.5
1549.32
36
FTLX3811M336
193.6
1548.51
37
FTLX3811M337
193.7
1547.72
38
FTLX3811M338
193.8
1546.92
39
FTLX3811M339
193.9
1546.12
40
FTLX3811M340
194.0
1545.32
41
FTLX3811M341
194.1
1544.53
42
FTLX3811M342
194.2
1543.73
43
FTLX3811M343
194.3
1542.94
44
FTLX3811M344
194.4
1542.14
45
FTLX3811M345
194.5
1541.35
46
FTLX3811M346
194.6
1540.56
47
FTLX3811M347
194.7
1539.77
48
FTLX3811M348
194.8
1538.98
49
FTLX3811M349
194.9
1538.19
50
FTLX3811M350
195.0
1537.40
51
FTLX3811M351
195.1
1536.61
52
FTLX3811M352
195.2
1535.82
53
FTLX3811M353
195.3
1535.04
54
FTLX3811M354
195.4
1534.25
55
FTLX3811M355
195.5
1533.47
56
FTLX3811M356
195.6
1532.68
57
FTLX3811M357
195.7
1531.90
58
FTLX3811M358
195.8
1531.12
59
FTLX3811M359
195.9
1530.33
60
FTLX3811M360
196.0
1529.55
61*
FTLX3811M361
196.1
1528.77
*This channel is supported with limited availability -- Please contact Finisar for further details.


Similar Part No. - FTLX3811M3XX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M318 FINISAR-FTLX3811M318 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M319 FINISAR-FTLX3811M319 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M320 FINISAR-FTLX3811M320 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M321 FINISAR-FTLX3811M321 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
More results

Similar Description - FTLX3811M3XX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTRX1811M3 FINISAR-FTRX1811M3 Datasheet
184Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX1811M3 FINISAR-FTLX1811M3 Datasheet
190Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3611M3 FINISAR-FTLX3611M3 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTLX1611M3 FINISAR-FTLX1611M3 Datasheet
192Kb / 12P
   RoHS-6 Compliant 10Gb/s 40km Multi-Rate XFP Optical Transceiver
FTLX3813M3 FINISAR-FTLX3813M3 Datasheet
561Kb / 13P
   Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M3 FINISAR-FTLX3815M3 Datasheet
698Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com