Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX3611M321 Datasheet(PDF) 6 Page - Finisar Corporation.

Part # FTLX3611M321
Description  RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3611M321 Datasheet(HTML) 6 Page - Finisar Corporation.

Back Button FTLX3611M321 Datasheet HTML 2Page - Finisar Corporation. FTLX3611M321 Datasheet HTML 3Page - Finisar Corporation. FTLX3611M321 Datasheet HTML 4Page - Finisar Corporation. FTLX3611M321 Datasheet HTML 5Page - Finisar Corporation. FTLX3611M321 Datasheet HTML 6Page - Finisar Corporation. FTLX3611M321 Datasheet HTML 7Page - Finisar Corporation. FTLX3611M321 Datasheet HTML 8Page - Finisar Corporation. FTLX3611M321 Datasheet HTML 9Page - Finisar Corporation. FTLX3611M321 Datasheet HTML 10Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FTLX3611M3 DWDM XFP Product Specification – January 2011
F i n i s a r
© Finisar Corporation 11-January-2011
Rev C1
Page 6
IV.
Optical Characteristics (TOP = -5 to 70°C, VCC5 = 4.75 to 5.25 Volts)
Please note that the Transmitter of the FTLX3611M3 becomes operational within 60
seconds of power-up. This is due to the time required for the EML to reach its optimum
operating temperature.
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Output Opt. Pwr: 9/125 SMF
POUT
-1
+2
dBm
1
Optical Extinction Ratio
ER
8.2
dB
1
Center Wavelength Spacing
100
GHz
2
Transmitter Center Wavelength –
End Of Life
λc
X-100
X
X+100
pm
3
Transmitter Center Wavelength –
Beginning Of Life
λc
X-25
X
X+25
pm
3
Transmitter Dispersion Penalty
(@ 800 ps/nm)
TDP
2
dB
Sidemode Supression ratio
SSRmin
30
dB
Tx Jitter Generation (peak-to-peak)
Txj
0.1
UI
4
Tx Jitter Generation (RMS)
TxjRMS
0.01
UI
5
Relative Intensity Noise
RIN
-130
dB/Hz
Receiver
Receiver Sensitivity @ 9.95Gb/s to
11.1Gb/s
RSENS1
-16
dBm
6
Stressed Receiver Sensitivity
(OMA) @ 11.1Gb/s
RSENS2
-11.3
dBm
7
Maximum Input Power
PMAX
-1
dBm
Optical Center Wavelength
λ
C
1270
1600
nm
Receiver Reflectance
Rrx
-27
dB
Path penalty at 40km
2
dB
8
LOS De-Assert
LOSD
-22
dBm
LOS Assert
LOSA
-28
dBm
LOS Hysteresis
0.5
dB
Notes:
1.
Having ER=8.2dB guarantees that the –1 dBm minimum output power meets IEEE 802.3ae
requirement of OMA = -2.4 dBm.
2.
Corresponds to approximately 0.8 nm.
3.
X = Specified ITU Grid wavelength.
4.
Measured with a host jitter of 50 mUI peak-to-peak.
5.
Measured with a host jitter of 7 mUI RMS.
6.
Measured with worst ER; BER<10
-12; PRBS31. Equivalent to –14.3 dBm OMA at ER = 8.2 dB.
7.
Per IEEE 802.3ae. Equivalent to –14.3 dBm average power at Infinite ER.
8.
Dispersion penalty is measured in loopback using 18 ps/(nm*km) fiber (SMF-28).


Similar Part No. - FTLX3611M321

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3611M321 FINISAR-FTLX3611M321 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
More results

Similar Description - FTLX3611M321

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX1611M3 FINISAR-FTLX1611M3 Datasheet
192Kb / 12P
   RoHS-6 Compliant 10Gb/s 40km Multi-Rate XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX1612M3BCL FINISAR-FTLX1612M3BCL Datasheet
183Kb / 12P
   RoHS-6 Compliant 40km Multi-Rate XFP Optical Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTRX1811M3 FINISAR-FTRX1811M3 Datasheet
184Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX1811M3 FINISAR-FTLX1811M3 Datasheet
190Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3812S317 FINISAR-FTLX3812S317 Datasheet
298Kb / 12P
   RoHS-6 Compliant SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com