Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1721P1CL Datasheet(PDF) 8 Page - Finisar Corporation.

Part # FTLF1721P1CL
Description  OC-48 LR-1/STM L-16.1 RoHS Compliant Pluggable SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1721P1CL Datasheet(HTML) 8 Page - Finisar Corporation.

Back Button FTLF1721P1CL Datasheet HTML 4Page - Finisar Corporation. FTLF1721P1CL Datasheet HTML 5Page - Finisar Corporation. FTLF1721P1CL Datasheet HTML 6Page - Finisar Corporation. FTLF1721P1CL Datasheet HTML 7Page - Finisar Corporation. FTLF1721P1CL Datasheet HTML 8Page - Finisar Corporation. FTLF1721P1CL Datasheet HTML 9Page - Finisar Corporation. FTLF1721P1CL Datasheet HTML 10Page - Finisar Corporation. FTLF1721P1CL Datasheet HTML 11Page - Finisar Corporation. FTLF1721P1CL Datasheet HTML 12Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FTLF1721P1xCL Pluggable SFP Product Specification – September 2008
F i n i s a r
© Finisar Corporation September 3, 2008 RevA.1
Page 8
IX.
Mechanical Specifications
Finisar’s Small Form Factor Pluggable (SFP) transceivers are compatible with the
dimensions defined by the SFP Multi-Sourcing Agreement (MSA)
3.
FTLF1721P1BCL


Similar Part No. - FTLF1721P1CL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1721P1BCL FINISAR-FTLF1721P1BCL Datasheet
669Kb / 12P
   OC-48 LR-1/STM L-16.1 RoHS Compliant Pluggable SFP Transceiver
logo
Frontier Electronics.
FTLF1721P1XCL FRONTIER-FTLF1721P1XCL Datasheet
1Mb / 5P
   Product Guide
logo
ATGBICS by Approved Tec...
FTLF1721P1XCL-C ATGBICS-FTLF1721P1XCL-C Datasheet
322Kb / 9P
   FTLF1721P1XCL Finisar Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km, DOM, Ext Temp)
More results

Similar Description - FTLF1721P1CL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1721P2WCL FINISAR-FTLF1721P2WCL Datasheet
658Kb / 11P
   OC-48 LR-1/STM L-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1721P2WTL FINISAR-FTLF1721P2WTL Datasheet
658Kb / 11P
   OC-48 LR-1/STM L-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1721P1BCL FINISAR-FTLF1721P1BCL Datasheet
669Kb / 12P
   OC-48 LR-1/STM L-16.1 RoHS Compliant Pluggable SFP Transceiver
FTRJ1721P1WCL FINISAR-FTRJ1721P1WCL Datasheet
728Kb / 11P
   OC-48 LR-1/STM L-16.1 Multirate Pluggable SFP Transceiver
FTLF1421P1WTL FINISAR-FTLF1421P1WTL Datasheet
722Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1421P1CL FINISAR-FTLF1421P1CL Datasheet
740Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1421P1WCL FINISAR-FTLF1421P1WCL Datasheet
700Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1421P1TL FINISAR-FTLF1421P1TL Datasheet
757Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1621P1CL FINISAR-FTLF1621P1CL Datasheet
700Kb / 12P
   OC-48 LR-2/STM L-16.2 RoHS Compliant Pluggable SFP Transceiver
FTLF1621P2WTL FINISAR-FTLF1621P2WTL Datasheet
873Kb / 11P
   OC-48 LR-2/STM L-16.2 RoHS Compliant Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com