Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1721P1CL Datasheet(PDF) 7 Page - Finisar Corporation.

Part # FTLF1721P1CL
Description  OC-48 LR-1/STM L-16.1 RoHS Compliant Pluggable SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1721P1CL Datasheet(HTML) 7 Page - Finisar Corporation.

Back Button FTLF1721P1CL Datasheet HTML 3Page - Finisar Corporation. FTLF1721P1CL Datasheet HTML 4Page - Finisar Corporation. FTLF1721P1CL Datasheet HTML 5Page - Finisar Corporation. FTLF1721P1CL Datasheet HTML 6Page - Finisar Corporation. FTLF1721P1CL Datasheet HTML 7Page - Finisar Corporation. FTLF1721P1CL Datasheet HTML 8Page - Finisar Corporation. FTLF1721P1CL Datasheet HTML 9Page - Finisar Corporation. FTLF1721P1CL Datasheet HTML 10Page - Finisar Corporation. FTLF1721P1CL Datasheet HTML 11Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FTLF1721P1xCL Pluggable SFP Product Specification – September 2008
F i n i s a r
© Finisar Corporation September 3, 2008 RevA.1
Page 7
Additionally, Finisar SFP transceivers provide a unique enhanced digital diagnostic
monitoring interface, which allows real-time access to device operating parameters such
as transceiver temperature, laser bias current, transmitted optical power, received optical
power and transceiver supply voltage. It also defines a sophisticated system of alarm and
warning flags, which alerts end-users when particular operating parameters are outside of
a factory set normal range.
The SFP MSA defines a 256-byte memory map in E
2PROM that is accessible over a
2-wire serial interface at the 8 bit address 1010000X (A0h). The digital diagnostic
monitoring interface makes use of the 8 bit address 1010001X (A2h), so the originally
defined serial ID memory map remains unchanged. The interface is identical to, and is
thus fully backward compatible with both the GBIC Specification and the SFP Multi
Source Agreement. The complete interface is described in Finisar Application Note AN-
2030: “Digital Diagnostics Monitoring Interface for SFP Optical Transceivers”.
The operating and diagnostics information is monitored and reported by a Digital
Diagnostics Transceiver Controller (DDTC) inside the transceiver, which is accessed
through a 2-wire serial interface. When the serial protocol is activated, the serial clock
signal (SCL, Mod Def 1) is generated by the host. The positive edge clocks data into the
SFP transceiver into those segments of the E
2PROM that are not write-protected. The
negative edge clocks data from the SFP transceiver. The serial data signal (SDA, Mod
Def 2) is bi-directional for serial data transfer. The host uses SDA in conjunction with
SCL to mark the start and end of serial protocol activation. The memories are organized
as a series of 8-bit data words that can be addressed individually or sequentially.
For more information, please see the SFP MSA documentation
1 or Finisar Application
Note AN-2030.


Similar Part No. - FTLF1721P1CL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1721P1BCL FINISAR-FTLF1721P1BCL Datasheet
669Kb / 12P
   OC-48 LR-1/STM L-16.1 RoHS Compliant Pluggable SFP Transceiver
logo
Frontier Electronics.
FTLF1721P1XCL FRONTIER-FTLF1721P1XCL Datasheet
1Mb / 5P
   Product Guide
logo
ATGBICS by Approved Tec...
FTLF1721P1XCL-C ATGBICS-FTLF1721P1XCL-C Datasheet
322Kb / 9P
   FTLF1721P1XCL Finisar Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km, DOM, Ext Temp)
More results

Similar Description - FTLF1721P1CL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1721P2WCL FINISAR-FTLF1721P2WCL Datasheet
658Kb / 11P
   OC-48 LR-1/STM L-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1721P2WTL FINISAR-FTLF1721P2WTL Datasheet
658Kb / 11P
   OC-48 LR-1/STM L-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1721P1BCL FINISAR-FTLF1721P1BCL Datasheet
669Kb / 12P
   OC-48 LR-1/STM L-16.1 RoHS Compliant Pluggable SFP Transceiver
FTRJ1721P1WCL FINISAR-FTRJ1721P1WCL Datasheet
728Kb / 11P
   OC-48 LR-1/STM L-16.1 Multirate Pluggable SFP Transceiver
FTLF1421P1WTL FINISAR-FTLF1421P1WTL Datasheet
722Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1421P1CL FINISAR-FTLF1421P1CL Datasheet
740Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1421P1WCL FINISAR-FTLF1421P1WCL Datasheet
700Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1421P1TL FINISAR-FTLF1421P1TL Datasheet
757Kb / 11P
   OC-48 IR-1/STM S-16.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1621P1CL FINISAR-FTLF1621P1CL Datasheet
700Kb / 12P
   OC-48 LR-2/STM L-16.2 RoHS Compliant Pluggable SFP Transceiver
FTLF1621P2WTL FINISAR-FTLF1621P2WTL Datasheet
873Kb / 11P
   OC-48 LR-2/STM L-16.2 RoHS Compliant Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com