Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1215-Q Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1215-Q
Description  PNP Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1215-Q Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1215-Q Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1215-Q Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1215-Q Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SB1215-Q Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
PNP Transistors
2SB1215
VCE(sat) -- IC
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- A
0.1
5
100
10
3
2
3
2
7
5
2
1.0
2
3
2
3
5
7
3
5
7
2SB1215
VCE=10V
2SB1215
2SB1215
IC / IB=10
Ta=75°C
25°C
--25°C
--0.1
--1.0
--0.01
5
2 3
5
2 3
5
2 3
5
--10
5
3
2
5
3
2
--1000
5
3
2
--100
--10
For PNP, the minus sign is omitted.
Typical Characterisitics
VBE(sat) -- IC
Collector Current, IC -- A
5
2
5
3
2
5
3
2
3
5
--1.0
--0.1
--0.01
--10
3
2
7
5
3
7
5
--1.0
2
2SB1215
IC / IB=10
Ta= --25°C
25°C
75°C
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
2SB1215
f=1MHz
10
1.0
2
100
5
3
2
7
7
5
5 7
10
2
2
3
5 7
2
3
5 7
100
2SB1215
For PNP, the minus sign is omitted.
2SB1215
IC
ICP
DC
operation
(Ta=25
°C)
10
1.0
5
3
2
5
3
2
5
3
2
5
0.1
0.01
2
5
3
1.0
2
5
3
10
2
5
3
100
2
A S O
Collector-to-Emitter Voltage, VCE -- V
Tc=25°C
Single pulse
For PNP, the minus sign is omitted.
0
1.2
1.0
0.8
0.6
0.4
0.2
100
140
120
160
20
0
6
0
40
80
2SB1215
Ambient Temperature, Ta -- °C
PC -- Ta
Ideal
heat
dissipation


Similar Part No. - 2SB1215-Q

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1215-D SANYO-2SB1215-D Datasheet
523Kb / 10P
   High-Current Switching Applications
More results

Similar Description - 2SB1215-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com