Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4066 Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD4066
Description  CMOS 4-Bit Magnitude Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4066 Datasheet(HTML) 6 Page - Intersil Corporation

  CD4066 Datasheet HTML 1Page - Intersil Corporation CD4066 Datasheet HTML 2Page - Intersil Corporation CD4066 Datasheet HTML 3Page - Intersil Corporation CD4066 Datasheet HTML 4Page - Intersil Corporation CD4066 Datasheet HTML 5Page - Intersil Corporation CD4066 Datasheet HTML 6Page - Intersil Corporation CD4066 Datasheet HTML 7Page - Intersil Corporation CD4066 Datasheet HTML 8Page - Intersil Corporation CD4066 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
7-971
CD4066BMS
Schematic
FIGURE 1. SCHEMATIC DIAGRAM OF 1 OF 4 IDENTICAL SWITCHES AND ITS ASSOCIATED CONTROL CIRCUITRY
FIGURE 2. DETERMINATION OF RON AS A TEST CONDITION
FOR CONTROL INPUT HIGH VOLTAGE (VIHC)
SPECIFICATION
FIGURE 3. CHANNEL ON-STATE RESISTANCE MEASURE-
MENT CIRCUIT
FIGURE 4. CAPACITANCE TEST CIRCUIT
FIGURE 5. OFF SWITCH INPUT OR OUTPUT LEAKAGE
FIGURE 6. PROPAGATION DELAY TIME SIGNAL INPUT (VIS)
TO SIGNAL OUTPUT (VOS)
FIGURE 7. CROSSTALK CONTROL INPUT TO SIGNAL OUTPUT
IN
VSS
N
P
CONTROL
VDD
N
VC
*
P
N
VIS
OUT
VOS
SIGNAL LEVEL RANGE:
VSS
≤ VIS ≤ VDD
CONTROL
SWITCH
VSS
NORMAL OPERATION CONTROL
SWITCH ON, VC “I” = VDD
SWITCH OFF, VC “O” = VSS
NOTE:
All “P” Substrates
Connected to VDD
LINE BIASING:
ALL CONTROL INPUTS ARE
PROTECTED BY THE CMOS
PROTECTION NETWORK
*
CD4066BMS
1 OF 4 SWITCHES
IIS
VOS
VIS
|VIS - VOS|
|IIS|
RON =
TG
“ON”
VDD
VSS
10k
1k
RANGE
X-Y
PLOT TER
Y
X
H P
MOSELEY
7030A
KEITHLY 160 DIGITAL
MULTIMETER
CD4066BMS
1 OF 4 SWITCHES
VDD = +5V
VC = -5V
VSS = -5V
COS
CIS
CIOS
MEASURED ON BOONTON
CAPACITANCE BRIDGE
MODEL 75A (1MHz)
TEST FIXTURE CAPACITANCE
NULLED OUT
CD4066BMS
1 OF 4 SWITCHES
VDD
VC = VSS
VSS
ALL UNUSED TERMINALS
ARE CONNECTED TO VSS
VIS = VDD
Ι
CD4066BMS
1 OF 4 SWITCHES
VDD
VC = VDD
VSS
ALL UNUSED INPUTS
ARE CONNECTED TO VSS
ViS
50
200k
pF
VDD
tr = tf = 20ns
VOS
CD4066BMS
1 OF 4 SWITCHES
VDD
VC
VSS
ALL UNUSED TERMINALS
ARE CONNECTED TO VSS
10k
+10V
tr = tf = 20ns
VOS
1k
VIS


Similar Part No. - CD4066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066 TI-CD4066 Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Unisonic Technologies
CD4066 UTC-CD4066 Datasheet
255Kb / 8P
   QUAD BILATERAL SWITCH
logo
Shenzhen Huazhimei Semi...
CD4066 HMSEMI-CD4066 Datasheet
826Kb / 10P
   two-way analog switch
logo
List of Unclassifed Man...
CD4066 ETC2-CD4066 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

Similar Description - CD4066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4063B TI-CD4063B Datasheet
220Kb / 5P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
CD4585B TI1-CD4585B Datasheet
512Kb / 12P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
R & E International, In...
4585B RANDE-4585B Datasheet
556Kb / 3P
   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Texas Instruments
CD4063BF3A TI1-CD4063BF3A Datasheet
869Kb / 14P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585B TI1-CD4585B_17 Datasheet
510Kb / 12P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4063BE TI-CD4063BE Datasheet
869Kb / 14P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
CD4063BF TI1-CD4063BF Datasheet
860Kb / 14P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585BE TI-CD4585BE Datasheet
512Kb / 12P
[Old version datasheet]   CMOS 4-Bit Magnitude Comparator
CD4585B TI-CD4585B Datasheet
221Kb / 5P
[Old version datasheet]   CMOS 4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
CD4063BMS RENESAS-CD4063BMS Datasheet
84Kb / 8P
   CMOS 4-Bit Magnitude Comparator
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com