Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWG28-10-F-1-300-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AWG28-10-F-1-300-R
Description  Multi-Color Ribbon Cable - 28AWG, 1.0MM Pitch, 10 Conductors, 300 Feet, 13??Reel
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AWG28-10-F-1-300-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AWG28-10-F-1-300-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10MM±0.15MM
PH=1.0MM
1.0MM±0.10MM
White
Bck
Brown
Red
Conductor:
• Style/Size: UL2651 28AWG NPIN
• Material: TC
Jacket:
• Min. Avg. Thick: 0.26MM
• Min. Thick.: 0.18MM
• Material: 35Pa UL-PVC (All the raw material meet VEGA GP standards)
• Color: NP(Brown, Red, Pink, Yellow, Green, Blue, Purple, Grey, White, Black...
... Brown Red, Pink, Yellow, Green, Blue, Purple, Grey, White, Black)
• OD: 1.0MM±0.10MM*50.0MM±0.15MM
Electrical:
• Dielectric Strength: 1,500V AC 1min.
• UL File No. E189529
• UL Style: 2651-VW-1
Unit: MM±0.15MM
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.31.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AWG28-10/F-1/300-R
Multi-Color Ribbon Cable - 28AWG,
1.0MM Pitch, 10 Conductors, 300 Feet, 13” Reel
Complaint
RoHS
rev00


Similar Part No. - AWG28-10-F-1-300-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWG28-10-F-300 ASSMANN-AWG28-10-F-300 Datasheet
40Kb / 1P
   Flat Ribbon cable - Multicolor 1.27mm Pitch, 300 feet-13 reel
More results

Similar Description - AWG28-10-F-1-300-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWG28-05-F-1-300-R ASSMANN-AWG28-05-F-1-300-R Datasheet
75Kb / 1P
   Multi-Color Ribbon Cable - 28AWG, 1.0MM Pitch, 5 Conductors, 300 Feet, 13??Reel
AWG28-08-F-1-300 ASSMANN-AWG28-08-F-1-300 Datasheet
75Kb / 1P
   Multi-Color Ribbon Cable - 28AWG, 1.0MM Pitch, 8 Conductors, 300 Feet, 13??Reel
AWG28-10-G-1-300 ASSMANN-AWG28-10-G-1-300 Datasheet
54Kb / 1P
   Grey Ribbon Cable, 28AWG, 1.0MM Pitch, 10 Conductors, 300 Feet, 13 Reel
AWG28-08-G-1-300 ASSMANN-AWG28-08-G-1-300 Datasheet
54Kb / 1P
   Grey Ribbon Cable, 28AWG, 1.0MM Pitch, 8 Conductors, 300 Feet, 13??Reel
AWG28-09-G-1-300-R ASSMANN-AWG28-09-G-1-300-R Datasheet
55Kb / 1P
   Grey Ribbon Cable, 28AWG, 1.0MM Pitch, 9 Conductors, 300 Feet, 13??Reel
AWG28-05G-1300-R ASSMANN-AWG28-05G-1300-R Datasheet
54Kb / 1P
   Grey Ribbon Cable, 28AWG, 1.0MM Pitch, 5 Conductors, 300 Feet, 13??Reel
AWG28-25F300 ASSMANN-AWG28-25F300 Datasheet
48Kb / 1P
   Flat Ribbon Cable - 25 Conductors, 1.27MM Pitch, 300 Feet-13 Reel, Multicolor
AWG28-14-F-300 ASSMANN-AWG28-14-F-300 Datasheet
48Kb / 1P
   Flat Ribbon Cable - 14 Conductors 1.27MM Pitch, 300 Feet-13??Reel, Multicolor
AWG28-20G300 ASSMANN-AWG28-20G300 Datasheet
48Kb / 1P
   Flat Ribbon Cable - 20 Conductors, 1.27MM Pitch, 300 Feet-13 Reel, Grey
AWG28-10-F-300 ASSMANN-AWG28-10-F-300 Datasheet
40Kb / 1P
   Flat Ribbon cable - Multicolor 1.27mm Pitch, 300 feet-13 reel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com