Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1419P1XCL Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLF1419P1XCL
Description  2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1419P1XCL Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLF1419P1XCL Datasheet HTML 1Page - Finisar Corporation. FTLF1419P1XCL Datasheet HTML 2Page - Finisar Corporation. FTLF1419P1XCL Datasheet HTML 3Page - Finisar Corporation. FTLF1419P1XCL Datasheet HTML 4Page - Finisar Corporation. FTLF1419P1XCL Datasheet HTML 5Page - Finisar Corporation. FTLF1419P1XCL Datasheet HTML 6Page - Finisar Corporation. FTLF1419P1XCL Datasheet HTML 7Page - Finisar Corporation. FTLF1419P1XCL Datasheet HTML 8Page - Finisar Corporation. FTLF1419P1XCL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
F i n i s a r
Product Specification
2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1419P1xCL
PRODUCT FEATURES
• Up to 2.125Gb/s bi-directional
data links
• Hot-pluggable SFP footprint
• Built-in digital diagnostic functions
• Uncooled 1310nm DFB laser
transmitter
• Duplex LC connector
• RoHS compliant and Lead Free
• No Rate Select input required for
Fibre Channel 1x/2x Operation
• Up to 55 km on 9/125μm SMF
• Metal enclosure, for lower EMI
• Single 3.3V power supply
• Low power dissipation <700mW
typical
• Extended operating temperature
range: -10°C to 70°C
APPLICATIONS
• 1.25Gb/s 1000Base-LX Ethernet
• Dual Rate 1.06 / 2.125 Gb/s Fibre
Channel
Finisar’s FTLF1419P1xCL Small Form Factor Pluggable (SFP) transceivers are
compatible with the Small Form Factor Pluggable Multi-Sourcing Agreement (MSA)
1.
They simultaneously comply with Gigabit Ethernet as specified in IEEE Std 802.3
2, and
1x and 2x Fibre Channel as defined in FC-PI 13.0
3,4. They are RoHS compliant and lead-
free per Directive 2002/95/EC
5
and Finisar Application Note AN-2038.
Digital
diagnostics functions are available via the 2-wire serial bus specified in the SFP MSA.
PRODUCT SELECTION
FTLF1419P1xCL
x
W
Wide Extraction Bail
B
Narrow Extraction Bail
© Finisar Corporation November 4, 2005 Rev. A
Page 1


Similar Part No. - FTLF1419P1XCL

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FTLF1419P1XCL FRONTIER-FTLF1419P1XCL Datasheet
1Mb / 5P
   Product Guide
More results

Similar Description - FTLF1419P1XCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1519P1XNL FINISAR-FTLF1519P1XNL Datasheet
689Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1619P1CL FINISAR-FTLF1619P1CL Datasheet
738Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1XCL FINISAR-FTLF1519P1XCL Datasheet
689Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1WCL FINISAR-FTLF1519P1WCL Datasheet
721Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1419P1WCL FINISAR-FTLF1419P1WCL Datasheet
719Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1WNL FINISAR-FTLF1519P1WNL Datasheet
719Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1619P1WCL FINISAR-FTLF1619P1WCL Datasheet
712Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1318P2CL FINISAR-FTLF1318P2CL Datasheet
747Kb / 10P
   1.25 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1318P2WTL FINISAR-FTLF1318P2WTL Datasheet
760Kb / 12P
   1.25 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1318P2XTL FINISAR-FTLF1318P2XTL Datasheet
808Kb / 12P
   1.25 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com