Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN660B-20 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FN660B-20
Description  Two-stage general performance EMI filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN660B-20 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FN660B-20 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN660B-20 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN660B-20 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN660B-20 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
> Components > FN 660
Connection style -03, 20A types
B
A F
G
E
Q
H
J
I
C
L
K
N
M
D
Connection style -06, 20A types
A
C
B
E
G
L
F
H
J
I
K
M
N
Q
D
Connection style -10, 20A types
B
A F
G
E
Q
H
J
I
C
L
K
N
M
D
Connection style -10, 16A types
B
C
A
F
G
L
E
I
J
H
K
M
N
D
Connection style -06, 10 and 16A types
A
B E
G
F
D
I
J
H
C
L
K
N
M
Mechanical data
Connection style -06, 1 to 6A types
B
C
A
F
G
K
E
D
I
J
H
L
M
N
Connection style -07, 1 to 6A types
B
C
A
F
G
K
E
D
I
J
H
L
M
BU
GNYE
BN
BU
BN
Connection style -07, 10A types
A
B E
G
F
D
I
J
H
C
L
K
M
BU
GNYE
BN
BU
BN
Connection style -03, 16A types
B
C
A
F
G
L
E
I
J
H
K
M
N
D


Similar Part No. - FN660B-20

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FN660-6/06 MITSUBISHI-FN660-6/06 Datasheet
7Mb / 252P
   GRAPHIC OPERATION TERMINAL GOT SIMPLESeries
More results

Similar Description - FN660B-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2080-1-06 ETC2-FN2080-1-06 Datasheet
558Kb / 5P
   Multi-stage High Performance EMI Filter
logo
Schaffner International...
FN-2070 SCHAFFNER-FN-2070 Datasheet
1Mb / 7P
   Multi-stage Performance AC/DC EMI Filter
FN-410 SCHAFFNER-FN-410 Datasheet
453Kb / 3P
   High Performance Two-stage PCB-mounting EMC Filter
logo
List of Unclassifed Man...
FN2060-6-06 ETC2-FN2060-6-06 Datasheet
598Kb / 5P
   Multi-stage General Purpose EMI Filter
logo
Schaffner International...
FN-2080 SCHAFFNER-FN-2080 Datasheet
1Mb / 6P
   Multi-stage High Performance AC/DC EMI Filter
FN2090-30-08-V1 SCHAFFNER-FN2090-30-08-V1 Datasheet
460Kb / 5P
   Multi-stage EMI Filter with Excellent Attenuation Performance
FN2090 SCHAFFNER-FN2090 Datasheet
459Kb / 5P
   Multi-stage EMI Filter with Excellent Attenuation Performance
logo
Tyco Electronics
1VR1 MACOM-1VR1_11 Datasheet
226Kb / 4P
   Two-stage General Purpose RFI Power Line Filter
logo
TE Connectivity Ltd
1VR3 TEC-1VR3 Datasheet
226Kb / 4P
   Two-stage General Purpose RFI Power Line Filter
1VR1 TEC-1VR1 Datasheet
226Kb / 4P
   Two-stage General Purpose RFI Power Line Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com