Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1174-P Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1174-P
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1174-P Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1174-P Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1174-P Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1174-P Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
2SB1174
Features
Satisfactory linearity of forward current transfer ratio hFE
Low collector-emitter saturation voltage VCE(sat)
Large collector current IC
2.3
0.60+ 0.1
- 0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4 .60 +0.15
-0.15
5.30+0.2
-0.2
2.30 +0.1
-0.1
0.50 +0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-130
Collector - Emitter Voltage
VCEO
-80
Emitter - Base Voltage
VEBO
-7
Collector Current - Continuous
IC
-3
Collector current -Pulse
ICP
-6
Collector Power Dissipation
15
Ta = 25℃
1.3
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
A
PC
W
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-130
Collector- emitter breakdown voltage
VCEO
Ic= -10 mA, IB=0
-80
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-7
Collector-base cut-off current
ICBO
VCB= -100V , IE=0
-10
Emitter cut-off current
IEBO
VEB= -6V , IC=0
-50
Collector-emitter saturation voltage
VCE(sat) IC=-2 A, IB=-100mA
-0.5
Base - emitter saturation voltage
VBE(sat) IC=-2 A, IB=-100mA
-1.5
VCE= -2V, IC= -100 mA
45
VCE= -2V, IC= -500 mA
90
260
Turn-ON Time
ton
0.3
Storage Time
tstg
1.1
Fall Time
tf
0.3
Transition frequency
fT
VCE= -10V, IC= -500mA,f=10MHz
30
MHz
V
V
uA
DC current gain
hFE
IC = −0.5A, IB1 = −50 mA, IB2 = 50 mA
VCC = −50 V
us
Classification of hfe(2)
Type
2SB1174-Q
2SB1174-P
Range
90-180
130-260


Similar Part No. - 2SB1174-P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1174 PANASONIC-2SB1174 Datasheet
83Kb / 4P
   For voltage switching
logo
Guangdong Kexin Industr...
2SB1174 KEXIN-2SB1174 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results

Similar Description - 2SB1174-P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com