Electronic Components Datasheet Search |
|
AD7876 Datasheet(PDF) 6 Page - Analog Devices |
|
AD7876 Datasheet(HTML) 6 Page - Analog Devices |
6 / 28 page AD7870/AD7875/AD7876 Rev. C | Page 6 of 28 TIMING CHARACTERISTICS VDD = +5 V ± 5%, VSS = −5 V ± 5%, AGND = DGND = 0 V. See Figure 14, Figure 15, Figure 16, and Figure 17. Timing specifications are sample tested at 25°C to ensure compliance, unless otherwise noted. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V. Table 3. Parameter1 Limit at TMIN, TMAX (J, K, L, A, B, C Versions) Limit at TMIN, TMAX (T Version) Units Conditions/Comments t1 50 50 ns min CONVST pulse width t2 0 0 ns min CS to RD setup time (Mode 1) t32 60 75 ns min RD pulse width t4 0 0 ns min CS to RD hold time (Mode 1) t5 70 70 ns max RD to INT delay t62, 3 57 70 ns max Data access time after RD t72, 4 5 5 ns min Bus relinquish time after RD 50 50 ns max t8 0 0 ns min HBEN to RD setup time t9 0 0 ns min HBEN to RD hold time t10 100 100 ns min SSTRB to SCLK falling edge setup time t115 370 370 ns min SCLK cycle time t126 135 150 ns max SCLK to valid data delay. CL = 35 pF t13 20 20 ns min SCLK rising edge to SSTRB 100 100 ns max t14 10 10 ns min Bus relinquish time after SCLK 100 100 ns max t15 60 60 ns min CS to RD setup time (Mode 2) t16 120 120 ns max CS to BUSY propagation delay t17 200 200 ns min Data setup time prior to BUSY t18 0 0 ns min CS to RD hold time (Mode 2) t19 0 0 ns min HBEN to CS setup time t20 0 0 ns min HBEN to CS hold time 1 Serial timing is measured with a 4.7 kΩ pull-up resistor on SDATA and SSTRB and a 2 kΩ pull-up on SCLK. The capacitance on all three outputs is 35 pF. 2 Timing specifications for t3, t6, and for the maximum limit at t7 are 100% production tested. 3 t6 is measured with the load circuits of Figure 4 and defined as the time required for an output to cross 0.8 V or 2.4 V. 4 t7 is defined as the time required for the data lines to change 0.5 V when loaded with the circuits of Figure 5. 5 SCLK mark/space ratio (measured from a voltage level of 1.6 V) is 40/60 to 60/40. 6 SDATA will drive higher capacitive loads but this will add to t12 since it increases the external RC time constant (4.7 kΩ||CL) and thus the time to reach 2.4 V. |
Similar Part No. - AD7876_15 |
|
Similar Description - AD7876_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |