Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4031BMS Datasheet(PDF) 10 Page - Intersil Corporation

Part # CD4031BMS
Description  CMOS 64-Stage Static Shift Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4031BMS Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CD4031BMS Datasheet HTML 2Page - Intersil Corporation CD4031BMS Datasheet HTML 3Page - Intersil Corporation CD4031BMS Datasheet HTML 4Page - Intersil Corporation CD4031BMS Datasheet HTML 5Page - Intersil Corporation CD4031BMS Datasheet HTML 6Page - Intersil Corporation CD4031BMS Datasheet HTML 7Page - Intersil Corporation CD4031BMS Datasheet HTML 8Page - Intersil Corporation CD4031BMS Datasheet HTML 9Page - Intersil Corporation CD4031BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
7-825
CD4031BMS
FIGURE 11. CASCADING USING DELAYED CLOCKING FOR REDUCED CLOCK DRIVE REQUIREMENTS
FIGURE 12. CASCADING USING HALF-CLOCK-PULSE DELAYED OUTPUT (Q’) TO PERMIT
USE OF SLOW RISE AND FALL CLOCK INPUTS
Chip Dimensions and Pad Layout
15
10
1
6
9
CD4031BMS
RECIRC
IN
DATA
MODE
CONTROL
CLD
15
10
1
6
9
CD4031BMS
CLD
QD
15
10
1
6
9
CD4031BMS
CLD
D
Q
15
10
1
6
9
CD4031BMS
CLD
D
Q
Q
MODE CONTROL VDD = RECIRCULATION
GND = NEW DATA
VDD
22
2
2
CL
CL
CL
CL
CLOCK
DRIVER
D
CL
Q
FF
*
DELAYED
CLOCK
TO CLOCK
NEW DATA
INTO FIRST
REGISTER
(1/2 - CD4013B)
*FOR RECIRCULATION MODE ONLY
FF TO DELAY DATA UNTIL
FISRT REGISTERED DELAYED CLOCKING
HAS OCCURED
15
10
1
5
2
CD4031BMS
RECIRC
IN
DATA
MODE
CONTROL
CL
CLOCK DRIVER
15
10
1
5
2
CD4031BMS
CL
Q’
D
15
10
1
5
2
CD4031BMS
CL
D
Q’
15
10
1
5
2
CD4031BMS
CL
D
Q’
Q’
MODE CONTROL VDD = RECIRCULATION
GND = NEW DATA
VDD
6
Dimensions in parentheses are in millimeters
and are derived from the basic inch dimensions
as indicated. Grid graduations are in mils (10-3 inch)
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches


Similar Part No. - CD4031BMS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
   64-Stage Static Shift Register
More results

Similar Description - CD4031BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4031B TI-CD4031B Datasheet
265Kb / 6P
[Old version datasheet]   CMOS 64-STAGE STATIC SHIFT REGISTER
logo
Intersil Corporation
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
   CMOS Dual 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4517B TI-CD4517B Datasheet
245Kb / 6P
[Old version datasheet]   CMOS DUAL 64-STAGE STATIC SHIFT REGISTER
CD4517BF3A TI1-CD4517BF3A Datasheet
396Kb / 9P
[Old version datasheet]   CMOS Dual 64-Stage Static Shift Register
CD4517B TI1-CD4517B_09 Datasheet
414Kb / 9P
[Old version datasheet]   Cmos Dual 64-stage Static Shift Register
logo
National Semiconductor ...
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
   64-Stage Static Shift Register
logo
STMicroelectronics
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
   64-STAGE STATIC SHIFT REGISTER
logo
NXP Semiconductors
HEF4031B PHILIPS-HEF4031B Datasheet
76Kb / 7P
   64-stage static shift register
January 1995
logo
STMicroelectronics
HCC4517B STMICROELECTRONICS-HCC4517B Datasheet
244Kb / 12P
   DUAL 64-STAGE STATIC SHIFT REGISTER
HCF4517B STMICROELECTRONICS-HCF4517B_02 Datasheet
323Kb / 8P
   DUAL 64 STAGE STATIC SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com