Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD40208BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD40208BMS
Description  CMOS 4 x 4 Multiport Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40208BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD40208BMS Datasheet HTML 1Page - Intersil Corporation CD40208BMS Datasheet HTML 2Page - Intersil Corporation CD40208BMS Datasheet HTML 3Page - Intersil Corporation CD40208BMS Datasheet HTML 4Page - Intersil Corporation CD40208BMS Datasheet HTML 5Page - Intersil Corporation CD40208BMS Datasheet HTML 6Page - Intersil Corporation CD40208BMS Datasheet HTML 7Page - Intersil Corporation CD40208BMS Datasheet HTML 8Page - Intersil Corporation CD40208BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
7-1431
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD40208BMS
CMOS 4 x 4 Multiport Register
Description
The CD40208BMS is a 4 x 4 multiport register containing
four 4-bit registers, write address decoder, two separate
read address decoders, and two 3-state output buses.
When the ENABLE input is low, the corresponding output
bus is switched, independently of the clock, to a high imped-
ance state. The high impedance third state provides the out-
puts with the capability of being connected to the bus lines in
a bus organized system without the need for interface or
pull-up components.
When the WRITE ENABLE input is high, all data input lines
are latched on the positive transition of the CLOCK and the
data is entered into the word selected by the write address
lines. When WRITE ENABLE is low, the CLOCK is inhibited
and no new data is entered. In either case, the contents of
any word may be accessed via the read address lines inde-
pendent of the state of the CLOCK input.
The CD40208BMS types are supplied in hermetic 24-lead
dual-in-line ceramic packages (D and F suffixes), 24-lead
dual-in-line plastic packages (E suffix), 24-lead ceramic flat
packages (K suffix), and in chip form (H suffix).
The CD40208BMS is supplied in these 24-lead outline pack-
ages:
Braze Seal DIP
HNZ
Ceramic Flatpack
H4P
Features
• High Voltage Types (20V Rating)
• One Input and Two Output Buses
• Unlimited Expansion in Bit and Word Directions
• Data Lines have Latched Inputs
• 3-State Outputs
• Separate Control of Each Bus, Allowing Simultaneous
Independent Reading of any of Four Registers on Bus
A and Bus B and Independent Writing Into any of the
Four Registers
• 100% Tested for Quiescent Current at 20V
• Standardized, Symmetrical Output Characteristics
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age-Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Full Package-Temperature Range):
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Stan-
dards No. 13B, “Standard Specifications for Descrip-
tion of “B” Series CMOS Devices”
Applications
• Scratch Pad Memories
• Arithmetic Units
• Data Storage
December 1992
File Number
3396
Pinout
CD40208BMS
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
Q3B
Q2B
ENABLE A
Q0A
Q1A
Q2A
Q3A
WRITE 0
WRITE 1
READ 0B
READ 1B
VSS
16
17
18
19
20
21
22
23
24
15
14
13
VDD
Q0B
ENABLE B
D0
D1
D3
WRITE ENABLE
READ 1A
READ 0A
Q1B
D2
CLOCK
Functional Diagram
WRITE
ENABLE
ENABLE A
3
15
20
19
18
17
8
9
14
13
11
10
4
5
6
7
22
23
2
1
Q0
Q1
Q2
Q3
Q0
Q1
Q2
Q3
READ 1A
READ 0A
READ 1B
READ 0B
16
21
WRITE 1
WRITE 0
D0
D1
D2
D3
DATA
INPUTS
WORD A
OUTPUT
WORD B
OUTPUT
CLOCK
ENABLE B
VDD = 24
VSS = 12


Similar Part No. - CD40208BMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD4020 ETC2-CD4020 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD4020B TI-CD4020B Datasheet
225Kb / 13P
[Old version datasheet]   CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
CD4020B TI-CD4020B Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Ripple-Carry Binary Counter / Dividers
CD4020B TI1-CD4020B Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Ripple-Carry Binary Counter/Drivers
CD4020B-MIL TI1-CD4020B-MIL Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Ripple-Carry Binary Counter/Drivers
More results

Similar Description - CD40208BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD40108BMS INTERSIL-CD40108BMS Datasheet
157Kb / 11P
   CMOS 4 x 4 Multiport Register
December 1992
logo
STMicroelectronics
HCC40208B STMICROELECTRONICS-HCC40208B Datasheet
290Kb / 13P
   4 x 4 MULTIPORT REGISTER
HCC40108B STMICROELECTRONICS-HCC40108B Datasheet
328Kb / 14P
   4 x 4 MULTIPORT REGISTER
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
Motorola, Inc
MC14580B MOTOROLA-MC14580B Datasheet
234Kb / 7P
   4x4 Multiport Register
logo
OKI electronic componet...
MSM514262 OKI-MSM514262 Datasheet
507Kb / 45P
   262,144-Word x 4-Bit Multiport DRAM
MSM514252A OKI-MSM514252A Datasheet
358Kb / 33P
   262,144-Word x 4-Bit Multiport DRAM
logo
Motorola, Inc
SN54LS170 MOTOROLA-SN54LS170 Datasheet
107Kb / 4P
   4 x 4 REGISTER FILE OPEN-COLLECTOR
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
   4 x 4 register file 3-state
December 1990
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
   4 x 4 register file 3-State
1990 Jul 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com